công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3030 bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện MGC3030
Giải thích chi tiết về linh kiện  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 19Page - Microchip Technology MGC3030 Datasheet HTML 20Page - Microchip Technology MGC3030 Datasheet HTML 21Page - Microchip Technology MGC3030 Datasheet HTML 22Page - Microchip Technology MGC3030 Datasheet HTML 23Page - Microchip Technology MGC3030 Datasheet HTML 24Page - Microchip Technology MGC3030 Datasheet HTML 25Page - Microchip Technology MGC3030 Datasheet HTML 26Page - Microchip Technology MGC3030 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
Figure 6-4. Brown-out Reset Timing
MCLR
BOR
TMCLR
TBOR
Reset Sequence
CPU Starts Fetching Code
(TSYSDLY
BOR voltage
= 2.25V to
2.45V
)
6.2
Power Management Unit (PMU)
6.2.1
Basic Connection Requirements
The device requires a nominal 3.3V supply voltage. The following pins need to be connected:
•
All VDD and VSS pins need connection to the supply voltage and decoupling capacitors
•
VCORECAP: The devices’ core and digital logic is designed to operate at a nominal 1.8V, which is
provided by an on-chip regulator. The required core logic voltage is derived from VDD and is
outputted on the VCORECAP pin. A low-ESR capacitor (such as tantalum) must be connected to the
VCORECAP pin. This helps to maintain the stability of the regulator.
•
AVDD: Analog voltage references for the ADC needs to be connected to the supply voltage and a
decoupling capacitor
•
VANA: Analog supply for GestIC analog front end must be connected to the supply voltage
Figure 6-5. Connections for VCORE Regulator
VDD
VCORECAP
VSS
CEFC
(2,3 )
3.3V
(1)
(10 uF typ)
Note: 
MGC3140
Functional Description
© 2018 Microchip Technology Inc.
DS40002037A-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com