| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MGC3140 bảng dữ liệu(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MGC3140 bảng dữ liệu(HTML) 41 Page - Microchip Technology |
|
41 / 49 page ![]() 11. Packaging Information Package Marking Information Legend: XX...X Customer-specific information or Microchip part number Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code P b - free JEDEC ® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e Rev. 30-009000A 5/17/2017 48-Lead UQFN (6x6x0.5 mm) Example XXXXXXXX XXXXXXXX YYWWNNN PIN 1 PIN 1 Rev. 30-009048A 9/04/2017 11.1 Package Details The following sections give the technical details of the packages. MGC3140 Packaging Information © 2018 Microchip Technology Inc. DS40002037A-page 41 |