công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1714945 bảng dữ liệu(PDF) 2 Page - PHOENIX CONTACT

tên linh kiện 1714945
Giải thích chi tiết về linh kiện  SMD male connectors - FP 1,27/ 80-MV 1,75
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHOENIX [PHOENIX CONTACT]
Trang chủ  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1714945 bảng dữ liệu(HTML) 2 Page - PHOENIX CONTACT

  1714945 Datasheet HTML 1Page - PHOENIX CONTACT 1714945 Datasheet HTML 2Page - PHOENIX CONTACT 1714945 Datasheet HTML 3Page - PHOENIX CONTACT 1714945 Datasheet HTML 4Page - PHOENIX CONTACT 1714945 Datasheet HTML 5Page - PHOENIX CONTACT 1714945 Datasheet HTML 6Page - PHOENIX CONTACT 1714945 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/pi/products/1714945
10/22/2020   Page 2 / 7
SMD male connectors - FP 1,27/ 80-MV 1,75 - 1714945
Technical data
Electrical data
Nominal current at 20 °C
1.4 A (50-pos.)
Test voltage
500 V AC
Contact resistance
≤25 mΩ, (IEC 60512-2-1:2002-02)
Insulation resistance
≥ 10 GΩ, (IEC 60512-3-1:2002-02)
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC 60068-2-82/
JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Selective coating
Metal surface contact area (top layer)
Gold (Au)
Metal surface contact area (middle layer)
Nickel (Ni), Palladium nickel (PdNi)
Material data - housing
Insulating material
LCP
Insulating material group
IIIa
CTI according to IEC 60112
175
Flammability rating according to UL 94
V0
Dimensions for the product
Caption
Schematische Abbildung - weitere Details siehe
Produktfamilienzeichnung im Download Center
Length [ l ]
6 mm
Width [ w ]
55.89 mm
Height [ h ]
7.45 mm
Pitch
1.27 mm
Height (without solder pin)
6.7 mm
Pin spacing
1.27 mm
Coplanarity
≤ 0.1 mm
Dimensions for PCB design
Pin spacing
1.27 mm
Dimensions for the application
Contact cover
0.9 mm
Overlap length
1.5 mm
Medium offset
± 0.7 mm in longitudinal and transverse direction
Angular tolerance
± 4 ° in longitudinal direction
± 2 ° in transverse direction
Stack height
8 mm Tolerance: +1,5 mm (in combination with Range of articles:FP
1,27/...-FV 6,25)
10.8 mm Tolerance: +1,5 mm (in combination with Range of articles:FP
1,27/...-FV 9,05)
Packaging information



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com