công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WFMB2010 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện WFMB2010
Giải thích chi tiết về linh kiện  Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WFMB2010 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  WFMB2010 Datasheet HTML 1Page - Vishay Siliconix WFMB2010 Datasheet HTML 2Page - Vishay Siliconix WFMB2010 Datasheet HTML 3Page - Vishay Siliconix WFMB2010 Datasheet HTML 4Page - Vishay Siliconix WFMB2010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WFM
www.vishay.com
Vishay Dale
Revision: 13-May-2020
1
Document Number: 30387
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Plate™ Current Sense Resistors,
Low Value (10 m
 to 500 m), Surface-Mount, High Power
LINKS TO ADDITIONAL RESOURCES
FEATURES
• 2010 and 2512 size package
• Ideal for all types of current sensing and
pulse applications including switching and
linear power supplies, instruments, power
amplifiers,
shunts,
power
inverters,
and
battery management
• Proprietary processing technique produces
low resistance values (10 m
 to 500 m)
• Solid metal manganese-copper and nickel-
chromium-aluminum alloy resistive element
with low TCR (< 20 ppm/°C)
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) Flame retardance test may not be applicable to some resistor
technologies
Note
(1) Terminal temperature
Notes
(1) Resistance values available according to WSL decade values (www.vishay.com/doc?30117)
(2) Packaging code: EB (lead (Pb)-free) is a non-standard packaging code designating 1000 piece reels. This non-standard packaging code is
identical to our standard EA (lead (Pb)-free), except that it has a package quantity of 1000 pieces
(3) Follow link for customization capabilities: www.vishay.com/doc?48614
PATENT(S): www.vishay.com/patents
This Vishay product is protected by one or more United States and international patents.
333
DDD3 D
3D Models
Did You
Know
Videos
Infographics
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL
SIZE
POWER RATING (1)
W
TOLERANCE
%
RESISTANCE VALUE RANGE
WEIGHT (typical)
g/1000 pieces
WFMA2010
2010
3.0 at 70 °C
± 1.0
0.010 to 0.0329
32
WFMA2010
2010
2.0 at 110 °C
± 1.0
0.010 to 0.0329
32
WFMB2010
2010
3.0 at 70 °C
± 1.0
0.033 to 0.500
32
WFMB2010
2010
2.0 at 110 °C
± 1.0
0.033 to 0.500
32
WFMA2512
2512
4.0 at 70 °C
± 1.0
0.010 to 0.0329
41
WFMA2512
2512
3.0 at 95 °C
± 1.0
0.010 to 0.0329
41
WFMB2512
2512
4.0 at 70 °C
± 1.0
0.033 to 0.500
41
WFMB2512
2512
3.0 at 95 °C
± 1.0
0.033 to 0.500
41
GLOBAL PART NUMBER INFORMATION
Global Part Numbering Example: WFMB2512R5000FEA
GLOBAL MODEL
(3 digits)
ELEMENT
MATERIAL
(1 digit)
CASE SIZE
(4 digits)
RESISTANCE
VALUE (1)
(5 digits)
TOLERANCE
CODE
(1 digit)
PACKAGING
CODE (2)
(2 digits)
SPECIAL (3)
(2 digits)
WFM
A = CuMn
B = NiCrAl
2010
2512
R = decimal
R0100 = 0.01
F = ± 1.0 %
J = ± 5.0 %
EA =
lead (Pb)-free,
tape / reel
Dash numbers
1 thru 99
as applicable
F
M
B
2
5
1
2
R
5
0
0
0
F
E
A
W


Số phần tương tự - WFMB2010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
WFM VISHAY-WFM Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
04-Aug-2022
logo
SICK AG
WFM120-120N311 SICK-WFM120-120N311 Datasheet
851Kb / 6P
FORK SENSORS
WFM120-120N321 SICK-WFM120-120N321 Datasheet
851Kb / 6P
FORK SENSORS
WFM120-120P311 SICK-WFM120-120P311 Datasheet
851Kb / 6P
FORK SENSORS
WFM120-120P321 SICK-WFM120-120P321 Datasheet
851Kb / 6P
FORK SENSORS
More results

Mô tả tương tự - WFMB2010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
WSL3921 VISHAY-WSL3921 Datasheet
116Kb / 2P
Power Metal Strip Resistors, Low Value, Surface Mount
29-Mar-05
logo
KOA Speer Electronics, ...
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
602SJR00300E-T OHMITE-602SJR00300E-T Datasheet
176Kb / 2P
Surface Mount Metal Plate Current Sense
logo
KOA Speer Electronics, ...
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
metal plate current sense resistors
logo
Vishay Siliconix
WSL0805R0200FEA18 VISHAY-WSL0805R0200FEA18 Datasheet
95Kb / 3P
Power Metal Strip Resistors, High Power Low Value, Surface Mount
09-Sep-11
WSL2512R0250FEA VISHAY-WSL2512R0250FEA Datasheet
86Kb / 3P
Power Metal Strip Resistors, Low Value, Surface Mount
06-Jun-12
logo
KOA Speer Electronics, ...
LR72A KOA-LR72A Datasheet
222Kb / 2P
metal plate current sense resistors
logo
Ohmite Mfg. Co.
60S OHMITE-60S Datasheet
331Kb / 2P
Surface Mount Metal Plate Current Sense
logo
Vishay Siliconix
WFP VISHAY-WFP Datasheet
106Kb / 4P
Power Metal Plate™ Current Sense Resistors, Low Value (2 mΩ to 8 mΩ), Hybrid Mount, High Power
26-Jan-2021
WFM VISHAY-WFM_V01 Datasheet
176Kb / 5P
Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
04-Aug-2022
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com