công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH79F166AF bảng dữ liệu(PDF) 20 Page - List of Unclassifed Manufacturers

tên linh kiện SH79F166AF
Giải thích chi tiết về linh kiện  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AF bảng dữ liệu(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button SH79F166AF Datasheet HTML 16Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 17Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 18Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 19Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 20Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 21Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 22Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 23Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
SH79F166A
20
7.2 随机数据存储器(RAM)
7.2.1 特性
SH79F166A为数据存储提供了内部RAM和外部RAM。下列为存储器空间分配:
 低位128字节的RAM(地址从00H到7FH)可直接或间接寻址。
 高位128字节的RAM(地址从80H到FFH)只能间接寻址。
 特殊功能寄存器(SFR,地址从80H到FFH)只能直接寻址。
 外部RAM可通过MOVX指令间接访问。
高位128字节的RAM占用的地址空间和SFR相同,但在物理上与SFR的空间是分离的。当一个指令访问高于地址7FH的内部
位置时,CPU可以根据访问的指令类型来区分是访问高位128字节数据RAM还是访问SFR。
SH79F166A在外部数据空间额外提供了256字节RAM,支持高级语言。SH79F166A还配置了19字节的LCD RAM(1E0H -
1F2H)。
1F2H
7FH
80H
0FFH
0FFH
80H
00H
00H
Upper
128 bytes
Internal
Ram
indirect accesses
Lower
128 bytes
Internal
Ram
direct or indirect
accesses
RESERVED
Extenal
RAM
SFR
Bank0
direct accesses
1E0H
0FFH
LCD RAM
SFR
Bank1
direct accesses
80H
0FFH
内部和外部RAM配置
SH79F166A支持传统的访问外部RAM方法。可以使用MOVXA,@Ri或MOVX@Ri,A;来访问外部低256字节RAM;使用
MOVX A,@DPTR或MOVX@DPTR,A来访问外部275字节RAM。
用户也能用XPAGE寄存器来访问外部RAM,仅用MOVX A,@Ri或MOVX@Ri,A指令即可。用户能用XPAGE来表示高于
256字节的RAM地址。
在Flash SSP模式下,XPAGE也能用作分段选择器(详见SSP章节)。
7.2.2 寄存器
Table 7.3 数据存储页寄存器(XPAGE)
F7H
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
XPAGE
-
-
XPAGE.5
XPAGE.4
XPAGE.3
XPAGE.2
XPAGE.1
XPAGE.0
读/写
-
-
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
-
-
0
0
0
0
0
0
位编号
位符号
说明
7-0
XPAGE[5:0]
RAM页选择控制位



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More