| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TP0604N3G bảng dữ liệu(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TP0604N3G bảng dữ liệu(HTML) 8 Page - Microchip Technology |
|
8 / 14 page ![]() TP0604 DS20005956A-page 8 2019 Microchip Technology Inc. 5.0 PACKAGING INFORMATION 5.1 Package Marking Information Legend: XX...X Product Code or Customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for product code or customer-specific information. Package may or not include the corporate logo. 3 e 3 e 3-lead TO-92 YWWNNN XXXXXX XX e3 Example 923145 TP0604 N3 e3 |