công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP0604N3G bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện TP0604N3G
Giải thích chi tiết về linh kiện  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TP0604N3G bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button TP0604N3G Datasheet HTML 2Page - Microchip Technology TP0604N3G Datasheet HTML 3Page - Microchip Technology TP0604N3G Datasheet HTML 4Page - Microchip Technology TP0604N3G Datasheet HTML 5Page - Microchip Technology TP0604N3G Datasheet HTML 6Page - Microchip Technology TP0604N3G Datasheet HTML 7Page - Microchip Technology TP0604N3G Datasheet HTML 8Page - Microchip Technology TP0604N3G Datasheet HTML 9Page - Microchip Technology TP0604N3G Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TP0604
DS20005956A-page 6
2019 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The details on the pins of TP0604 are listed in
Table 3-1. Refer to
Package Type for the location of
pins.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
Source
Source
2
Gate
Gate
3
Drain
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14