công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FQPFPEP bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện TSB41BA3FQPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FQPFPEP bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button TSB41BA3FQPFPEP Datasheet HTML 42Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 43Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 44Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 45Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 46Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 47Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 48Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 49Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
(the paged registers) depends on which of eight pages, numbered 0h through 7h, is currently selected. The
selected page is set in base register 7h. Note that while this register set is compatible with 1394a-2000 register
sets, some fields have been redefined, and this register set contains additional fields.
Table 13-1 shows the configuration of the base registers, and Table 13-2 gives the corresponding field
descriptions. The base register field definitions are unaffected by the selected page number.
A reserved register or register field (marked as Reserved or Rsvd in the following register configuration tables) is
read as 0, but is subject to future usage. All registers in address pages 2 through 6 are reserved.
Table 13-1. Base Register Configuration
Address
BIT POSITION
0
1
2
3
4
5
6
7
0000
Physical ID
R
CPS
0001
RHB
IBR
Gap_Count
0010
Extended (111b)
Num_Ports (0011b)
0011
PHY_Speed (111b)
SREN
Delay (1011b)
0100
LCtrl
C
Jitter (000b)
Pwr_Class
0101
WDIE
ISBR
CTOI
CPSI
STOI
PEI
EAA
EMC
0110
Max Legacy SPD
BLINK
Bridge
Rsvd
0111
Page_Select
Rsvd
Port_Select
Table 13-2. Base Register Field Descriptions
FIELD
SIZE
TYPE
DESCRIPTION
Physical ID
6
Rd
This field contains the physical address ID of this node determined during self-ID. The physical-ID is
invalid after a bus reset until the self-ID has completed as indicated by an unsolicited register 0 status
transfer from the PHY to the LLC.
R
1
Rd
Root. This bit indicates that this node is the root node. The R bit is reset to 0 by bus reset, and is set to 1
during tree-ID if this node becomes root.
CPS
1
Rd
Cable-power status. This bit indicates the state of the CPS input terminal. The CPS terminal is normally
tied to serial bus cable power through a 400-kΩ resistor. A 0 in this bit indicates that the cable-power
voltage has dropped below its threshold for ensured reliable operation.
RHB
1
Rd/Wr
Root-holdoff bit. This bit instructs the PHY to attempt to become root after the next bus reset. The RHB bit
is reset to 0 by a hardware reset and is unaffected by a bus reset. If two nodes on a single bus have their
root holdoff bit set, then the result is not defined. To prevent two nodes from having their root-holdoff bit
set, this bit must only be written using a PHY configuration packet.
IBR
1
Rd/Wr
Initiate bus reset. This bit instructs the PHY to initiate a long (166-μs) bus reset at the next opportunity.
Any receive or transmit operation in progress when this bit is set completes before the bus reset is
initiated. The IBR bit is reset to 0 after a hardware reset or a bus reset. Care must be exercised when
writing to this bit to not change the other bits in this register. It is recommended that whenever possible a
bus reset be initiated using the ISBR bit and not the IBR bit.
Gap_Count
6
Rd/Wr
Arbitration gap count. This value sets the subaction (fair) gap, arb-reset gap, and arb-delay times. The
gap count can be set either by a write to the register, or by reception or transmission of a PHY_CONFIG
packet. The gap count is reset to 3Fh by hardware reset or after two consecutive bus resets without an
intervening write to the gap count register (either by a write to the PHY register or by a PHY_CONFIG
packet). It is strongly recommended that this field only be changed using PHY configuration
packets.
Extended
3
Rd
Extended register definition. For the TSB41BA3F-EP, this field is 111b, indicating that the extended
register set is implemented.
Num_Ports
4
Rd
Number of ports. This field indicates the number of ports implemented in the PHY. For the TSB41BA3F-
EP, this field is 3.
PHY_Speed
3
Rd
PHY speed capability. This field is no longer used. For the TSB41BA3F-EP PHY, this field is 111b. Speeds
for 1394b PHYs must be checked on a port-by-port basis.
SREN
1
Rd/Wr
Standby/restore enable. This bit when set to 1 enables the port to go into the standby reduced power
state when commanded by a Standby PHY command packet. This enable works for all ports of the local
device. Note the 1394b standard only allows leaf (one port connected) nodes to be placed into standby
mode.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
46
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com