công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TSB41BA3FQPFPEP bảng dữ liệu(PDF) 34 Page - Texas Instruments

tên linh kiện TSB41BA3FQPFPEP
Giải thích chi tiết về linh kiện  TSB41BA3F-EP IEEE 1394b Three-Port Cable Transceiver/Arbiter
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3FQPFPEP bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button TSB41BA3FQPFPEP Datasheet HTML 30Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 31Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 32Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 33Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 34Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 35Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 36Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 37Page - Texas Instruments TSB41BA3FQPFPEP Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
Table 12-4 shows the encoding for the request type.
Table 12-4. Request Type Encoding
LR1–LR3
NAME
DESCRIPTION
000
ImmReq
Immediate bus request. On detection of idle, the PHY takes control of the bus immediately without arbitration.
001
IsoReq
Isochronous bus request. On detection of idle, the PHY arbitrates for the bus without waiting for a subaction
gap.
010
PriReq
Priority bus request. The PHY arbitrates for the bus after a subaction gap, ignores the fair protocol.
011
FairReq
Fair bus request. The PHY arbitrates for the bus after a subaction gap, follows the fair protocol.
100
RdReg
The PHY returns the specified register contents through a status transfer.
101
WrReg
Write to the specified register
110
AccelCtl
Enable or disable asynchronous arbitration acceleration
111
Reserved
Reserved
For a bus request, the length of the LREQ bit stream is 7 or 8 bits as shown in Table 12-5.
Table 12-5. Bus Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–3
Request type
Indicates the type of bus request. See Table 12-4.
4–6
Request speed
Indicates the speed at which the PHY sends the data for this request. See Table 12-6 for the encoding of this
field.
7
Stop bit
Indicates the end of the transfer (always 0). If bit 6 is 0, then this bit can be omitted.
Table 12-6 shows the 3-bit request speed field used in bus requests.
Table 12-6. Bus Request Speed Encoding
LR4–LR6
DATA RATE
000
S100
010
S200
100
S400
All Others
Invalid
Note
The TSB41BA3F-EP accepts a bus request with an invalid speed code and processes the bus request
normally. However, during packet transmission for such a request, the TSB41BA3F-EP ignores any
data presented by the LLC and transmits a null packet.
For a read register request, the length of the LREQ bit stream is 9 bits as shown in Table 12-7.
Table 12-7. Read Register Request
BIT(s)
NAME
DESCRIPTION
0
Start bit
Indicates the beginning of the transfer (always 1)
1–3
Request type
A 100 indicates this is a read register request.
4–7
Address
Identifies the address of the PHY register to be read
8
Stop bit
Indicates the end of the transfer (always 0)
For a write register request, the length of the LREQ bit stream is 17 bits as shown in Table 12-8.
TSB41BA3F-EP
SLLSFA1 – SEPTEMBER 2020
www.ti.com
34
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TSB41BA3F-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com