| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL072CD bảng dữ liệu(PDF) 45 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072CD bảng dữ liệu(HTML) 45 Page - Texas Instruments |
|
45 / 69 page ![]() Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TL074IDR SOIC D 14 2500 330.0 16.4 6.5 9.0 2.1 8.0 16.0 Q1 *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) TL071ACDR SOIC D 8 2500 340.5 338.1 20.6 TL071BCDR SOIC D 8 2500 340.5 338.1 20.6 TL071CDR SOIC D 8 2500 340.5 338.1 20.6 TL071CDR SOIC D 8 2500 367.0 367.0 35.0 TL071IDR SOIC D 8 2500 340.5 338.1 20.6 TL072ACDR SOIC D 8 2500 340.5 338.1 20.6 TL072BCDR SOIC D 8 2500 340.5 338.1 20.6 TL072CDR SOIC D 8 2500 340.5 338.1 20.6 TL072CDR SOIC D 8 2500 367.0 367.0 35.0 TL072CPWR TSSOP PW 8 2000 367.0 367.0 35.0 TL072IDR SOIC D 8 2500 367.0 367.0 35.0 TL072IDR SOIC D 8 2500 340.5 338.1 20.6 TL074ACDR SOIC D 14 2500 333.2 345.9 28.6 TL074ACNSR SO NS 14 2000 367.0 367.0 38.0 TL074BCDR SOIC D 14 2500 333.2 345.9 28.6 TL074CDR SOIC D 14 2500 333.2 345.9 28.6 PACKAGE MATERIALS INFORMATION www.ti.com 28-Dec-2019 Pack Materials-Page 2 |