công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PFS172-EY10 bảng dữ liệu(PDF) 8 Page - PADAUK Technology.

tên linh kiện PFS172-EY10
Giải thích chi tiết về linh kiện  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PADAUK [PADAUK Technology.]
Trang chủ  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172-EY10 bảng dữ liệu(HTML) 8 Page - PADAUK Technology.

Back Button PFS172-EY10 Datasheet HTML 4Page - PADAUK Technology. PFS172-EY10 Datasheet HTML 5Page - PADAUK Technology. PFS172-EY10 Datasheet HTML 6Page - PADAUK Technology. PFS172-EY10 Datasheet HTML 7Page - PADAUK Technology. PFS172-EY10 Datasheet HTML 8Page - PADAUK Technology. PFS172-EY10 Datasheet HTML 9Page - PADAUK Technology. PFS172-EY10 Datasheet HTML 10Page - PADAUK Technology. PFS172-EY10 Datasheet HTML 11Page - PADAUK Technology. PFS172-EY10 Datasheet HTML 12Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 8 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
1. Features
1.1. Special Features
 General purpose series
 Not supposed to use in AC RC step-down powered or high EFT requirement applications.
PADAUK assumes no liability if such kind of applications can not pass the safety regulation tests.
 Operating temperature range: -20°C ~ 70°C
1.2. System Features
 2KW MTP program memory (programming cycle at least 1,000 times)
 128 Bytes data SRAM
 One hardware 16-bit timer
 Two hardware 8-bit timers with PWM generation
 One hardware comparator
 Bandgap circuit to provide 1.20V reference voltage
 Up to 12-channel 8-bit resolution ADC with one channel comes from intermal bandgap voltage
 Max. 14 IO pins with optional pull-high / pull-low resistor
 Every IO pin can be configured to enable wake-up function
 Clock sources: IHRC, ILRC and EOSC (XTAL)
 For every wake-up enabled IO, two optional wake-up speed are supported: normal and fast
 8 selectable levels of LVR reset from 1.8V to 4.5V
 Two selectable external interrupt pins by code option
1.3. CPU Features
 8-bit high performance RISC CPU
 86 powerful instructions
 Most instructions are 1T execution cycle
 Programmable stack pointer to provide adjustable stack level
 Direct and indirect addressing modes for data access. Data memories are available for use as an index
pointer of Indirect addressing mode
 IO register space and memory space are independent
1.4. Package Information
 PFS172-U06: SOT23-6 (60mil)
 PFS172-S08: SOP8 (150mil)
 PFS172-M10: MSOP10 (118mil)
 PFS172-EY10: ESSOP10 (150mil)
 PFS172-4N10: DFN3*3-10pin (0.5pitch)
 PFS172-S14: SOP14 (150mil)
 PFS172-S16A: SOP16 (150mil)
 PFS172-1J16A: QFN3*3-16pin (0.5pitch)
 PFS172-2J16A: QFN4*4-16pin (0.65pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com