công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CMB11 bảng dữ liệu(PDF) 51 Page - Microchip Technology

tên linh kiện MCP47CMB11
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB11 bảng dữ liệu(HTML) 51 Page - Microchip Technology

Back Button MCP47CMB11 Datasheet HTML 47Page - Microchip Technology MCP47CMB11 Datasheet HTML 48Page - Microchip Technology MCP47CMB11 Datasheet HTML 49Page - Microchip Technology MCP47CMB11 Datasheet HTML 50Page - Microchip Technology MCP47CMB11 Datasheet HTML 51Page - Microchip Technology MCP47CMB11 Datasheet HTML 52Page - Microchip Technology MCP47CMB11 Datasheet HTML 53Page - Microchip Technology MCP47CMB11 Datasheet HTML 54Page - Microchip Technology MCP47CMB11 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 51
MCP47CXBXX
4.2.2
NONVOLATILE REGISTER
MEMORY (MTP)
This memory option is available only for the
MCP47CMBXX devices.
MTP memory starts functioning below the device’s
VPOR/VBOR trip point, and once the VPOR event
occurs, the Volatile Memory registers are loaded with
the corresponding MTP register memory values.
Memory addresses, 0Ch through 1Fh, are nonvolatile
memory locations. These registers contain the DAC
POR/BOR wiper values, the DAC POR/BOR Configura-
tion bits, the I2C Slave address and eight general
purpose memory addresses for storing user-defined
data as calibration constants or identification numbers.
The Nonvolatile DAC Wiper registers and Configuration
bits contain the user’s DAC Output and configuration
values for the POR event.
The Nonvolatile DAC Wiper registers contain the user’s
DAC output and configuration values for the POR
event. These nonvolatile values will overwrite the
factory default values. If these MTP addresses are
unprogrammed, the factory default values define the
output state.
The Nonvolatile DAC registers enable the stand-alone
operation of the device (without microcontroller control)
after being programmed to the desired values.
To program nonvolatile memory locations, a high-
voltage source on the LAT/HVC pin is required. Each
register/MTP location can be programmed 32 times.
After 32 writes, a new write operation will not be
possible and the last successful value written will
remain associated with the memory location.
The device starts writing the MTP memory cells at the
completion of the serial interface command at the rising
edge of the last data bit. The high voltage should
remain present on the LAT/HVC pin until the write cycle
is complete; otherwise, the write is unsuccessful and
the location is compromised (cannot be used again and
the number of available writes decreases by one).
To recover from an aborted MTP write operation, the
following procedure must be used:
• Write again any valid value to the same address
• Force a POR condition
• Write again the desired value to the MTP location
It is recommended to keep high voltage on only during
the MTP write command and programming cycle;
otherwise, the reliability of the device could be affected.
4.2.3
POR/BOR OPERATION WITH
WIPERLOCK TECHNOLOGY
ENABLED
Regardless of the WiperLock technology state, a POR
event will load the Volatile DACx Wiper register value
with the Nonvolatile DACx Wiper register value. Refer
to Section 4.1 “Power-on Reset/Brown-out Reset
(POR/BOR)” for further information.
4.2.4
UNIMPLEMENTED LOCATIONS
4.2.4.1
Unimplemented Register Bits
When issuing read commands to a valid memory loca-
tion with unimplemented bits, the unimplemented bits
will be read as ‘0’.
4.2.4.2
Unimplemented (RESERVED)
Locations
There are a number of unimplemented memory
locations that are reserved for future use. Normal
(voltage) commands (read or write) to any unimple-
mented memory address will result in a command
error condition (I2C NACK).
High-voltage commands to any unimplemented
Configuration bit(s) will also result in a command error
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com