công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CMB11 bảng dữ liệu(PDF) 4 Page - Microchip Technology

tên linh kiện MCP47CMB11
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB11 bảng dữ liệu(HTML) 4 Page - Microchip Technology

  MCP47CMB11 Datasheet HTML 1Page - Microchip Technology MCP47CMB11 Datasheet HTML 2Page - Microchip Technology MCP47CMB11 Datasheet HTML 3Page - Microchip Technology MCP47CMB11 Datasheet HTML 4Page - Microchip Technology MCP47CMB11 Datasheet HTML 5Page - Microchip Technology MCP47CMB11 Datasheet HTML 6Page - Microchip Technology MCP47CMB11 Datasheet HTML 7Page - Microchip Technology MCP47CMB11 Datasheet HTML 8Page - Microchip Technology MCP47CMB11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 124 page
background image
MCP47CXBXX
DS20006089B-page 4
 2018-2019 Microchip Technology Inc.
Family Device Features
Device
Package Type
DAC Output
POR/BOR
Setting(1)
MCP47CVB01
MSOP, QFN, DFN
1
8
7Fh
1
1
2
RAM
—
MCP47CVB11
MSOP, QFN, DFN
1
10
1FFh
1
1
2
RAM
—
MCP47CVB21
MSOP, QFN, DFN
1
12
7FFh
1
1
2
RAM
—
MCP47CVB02
QFN
2
8
7Fh
2
2
2
RAM
—
MSOP, DFN
2
8
7Fh
1
1
2
RAM
—
MCP47CVB12
QFN
2
10
1FFh
2
2
2
RAM
—
MSOP, DFN
2
10
1FFh
1
1
2
RAM
—
MCP47CVB22
QFN
2
12
7FFh
2
2
2
RAM
—
MSOP, DFN
2
12
7FFh
1
1
2
RAM
—
MCP47CMB01
MSOP, QFN, DFN
1
8
7Fh
1
1
2
MTP
8
MCP47CMB11
MSOP, QFN, DFN
1
10
1FFh
1
1
2
MTP
8
MCP47CMB21
MSOP, QFN, DFN
1
12
7FFh
1
1
2
MTP
8
MCP47CMB02
QFN
2
8
7Fh
2
2
2
MTP
8
MSOP, DFN
2
8
7Fh
1
1
2
MTP
8
MCP47CMB12
QFN
2
10
1FFh
2
2
2
MTP
8
MSOP, DFN
2
10
1FFh
1
1
2
MTP
8
MCP47CMB22
QFN
2
12
7FFh
2
2
2
MTP
8
MSOP, DFN
2
12
7FFh
1
1
2
MTP
8
Note 1:
The factory default value.
2:
Each nonvolatile memory location can be written 32 times. For subsequent writes to the MTP, the device
will ignore the commands and the memory will not be modified.
3:
If the product is a dual device and the package has only one LAT pin, it is associated with both DAC0 and
DAC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More