công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB11 bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện MCP47CVB11
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB11 bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button MCP47CVB11 Datasheet HTML 9Page - Microchip Technology MCP47CVB11 Datasheet HTML 10Page - Microchip Technology MCP47CVB11 Datasheet HTML 11Page - Microchip Technology MCP47CVB11 Datasheet HTML 12Page - Microchip Technology MCP47CVB11 Datasheet HTML 13Page - Microchip Technology MCP47CVB11 Datasheet HTML 14Page - Microchip Technology MCP47CVB11 Datasheet HTML 15Page - Microchip Technology MCP47CVB11 Datasheet HTML 16Page - Microchip Technology MCP47CVB11 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 13
MCP47CXBXX
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V, RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Digital Inputs/Outputs (LAT0/HVC, LAT1, A0, A1)
Schmitt Trigger High Input
Threshold
VIH
0.45 VDD
——
V
1.8V
 VDD  5.5V (allows 2.7V digital
VDD with 5.5V analog VDD or 1.8V
digital VDD with 3.0V analog VDD)
Schmitt Trigger Low Input
Threshold
VIL
—
—
0.2 VDD
V
Hysteresis of Schmitt
Trigger Inputs
VHYS
—
0.1 VDD
—V
Input Leakage Current
IIL
-1
—
1
µA
VIN =VDD and VIN =VSS
Pin Capacitance
CIN, COUT
—10—
pF
Digital Interface (SDA, SCL)
Output Low Voltage
VOL
——
0.4
V
VDD  2.0V, IOL =3 mA
—
—
0.2 VDD
VVDD < 2.0V, IOL =1 mA
Input High Voltage
(SDA and SCL pins)
VIH
0.7 VDD
——
V
1.8V
 VDD  5.5V
Input Low Voltage
(SDA and SCL pins)
VIL
—
—
0.3 VDD
V
1.8V
 VDD  5.5V
Input Leakage
IL
-1
—
1
µA
SCL = SDA = VSS or
SCL = SDA = VDD
Pin Capacitance
CPIN
—10—
pF
RAM Value
Value Range
N
0h
—
FFh
Hex
8-bit
—
3FFh
10-bit
—
FFFh
12-bit
DAC Register POR/BOR
Value
NSee Table 4-2
Hex
8-bit
10-bit
12-bit
PDCON Initial
Factory Setting
—See Table 4-2
Hex
Power Requirements
Power Supply Sensitivity
(C.17 “Power Supply
Sensitivity (PSS)”)
PSS
—
0.0010
0.0035
%/%
8-bit Code = Mid-Scale
—
10-bit
—
12-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com