công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB11 bảng dữ liệu(PDF) 1 Page - Microchip Technology

tên linh kiện MCP47CVB11
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB11 bảng dữ liệu(HTML) 1 Page - Microchip Technology

  MCP47CVB11 Datasheet HTML 1Page - Microchip Technology MCP47CVB11 Datasheet HTML 2Page - Microchip Technology MCP47CVB11 Datasheet HTML 3Page - Microchip Technology MCP47CVB11 Datasheet HTML 4Page - Microchip Technology MCP47CVB11 Datasheet HTML 5Page - Microchip Technology MCP47CVB11 Datasheet HTML 6Page - Microchip Technology MCP47CVB11 Datasheet HTML 7Page - Microchip Technology MCP47CVB11 Datasheet HTML 8Page - Microchip Technology MCP47CVB11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 1
MCP47CXBXX
Features
• Memory Options:
- Volatile Memory: MCP47CVBXX
- Nonvolatile Memory: MCP47CMBXX
• Operating Voltage Range:
- 2.7V to 5.5V – Full specifications
- 1.8V to 2.7V – Reduced device specifications
• Output Voltage Resolutions:
- 8-bit: MCP47CXB0X (256 steps)
- 10-bit: MCP47CXB1X (1024 steps)
- 12-bit: MCP47CXB2X (4096 steps)
• Nonvolatile Memory (MTP) Size: 32 Locations
• 1 LSb Integral Nonlinearity (INL) Specification
• DAC Voltage Reference Source Options:
- Device VDD
-External VREF pin (buffered or unbuffered)
- Internal band gap (1.214V typical)
• Output Gain Options:
-1x (Unity)
- 2x (available when not using internal VDD as
voltage source)
• Power-on/Brown-out Reset (POR/BOR)
Protection
• Power-Down Modes:
- Disconnects output buffer (high-impedance)
- Selection of VOUT pull-down resistors
(100 k
 or 1 k)
•I2C Interface:
- Slave address options: register-defined
address with two physical address select pins
(package dependent)
- Standard (100 kbps), Fast (400 kbps) and
High-Speed (up to 3.4 Mbps) modes
• Package Types:
- Dual: 16-lead 3 x 3 QFN, 10-lead MSOP,
10-lead 3 x 3 DFN
- Single: 16-lead 3 x 3 QFN, 10-lead MSOP,
10-lead 3 x 3 DFN
• Extended Temperature Range: -40°C to +125°C
Package Types
MCP47CXBX1 (Single)
VREF
A0
VOUT
SCL
LAT/HVC
1
VSS
SDA
VDD
MCP47CXBX2 (Dual)
NC
A1
2
3
4
5
10
9
8
7
6
VREF
A0
VOUT
SCL
LAT/HVC
1
VSS
A1
2
3
4
12
11
10
9
17 EP(1)
NC
QFN-16 (3x3)
VREF
A0
VOUT0
SCL
LAT/HVC(2)
1
VSS
SDA
VDD
VOUT1
A1
2
3
4
5
10
9
8
7
6
VREF0
A0
VOUT0
SCL
LAT0/HVC
1
VSS
A1
2
3
4
12
11
10
9
17 EP(1)
VREF1
MSOP-10, DFN-10 (3x3)
QFN-16 (3x3)
MSOP-10, DFN-10 (3x3)
Note 1: Exposed pad (substrate paddle).
2: This pin’s signal can be connected to DAC0
and/or DAC1.
8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL
Single/Dual Voltage Outputs with I2C Interface


Số phần tương tự - MCP47CVB11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP4706 MICROCHIP-MCP4706 Datasheet
1Mb / 70P
6-Bit Volatile DAC with Command Code
11/29/11
MCP4716 MICROCHIP-MCP4716 Datasheet
15Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
MCP4716 MICROCHIP-MCP4716 Datasheet
1Mb / 70P
6-Bit Volatile DAC with Command Code
11/29/11
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 42P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2007
More results

Mô tả tương tự - MCP47CVB11

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP4706 MICROCHIP-MCP4706 Datasheet
15Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter with EEPROM and I2C Interface
2011
logo
Texas Instruments
DAC80004 TI1-DAC80004 Datasheet
2Mb / 38P
Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501 Datasheet
488Kb / 32P
16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
logo
Microchip Technology
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP47FVBXX MICROCHIP-MCP47FVBXX Datasheet
1Mb / 92P
8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
01/27/15
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVBXX MICROCHIP-MCP48FVBXX Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com