công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EM78P803B bảng dữ liệu(PDF) 4 Page - ELAN Microelectronics Corp

tên linh kiện EM78P803B
Giải thích chi tiết về linh kiện  8-bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EMC [ELAN Microelectronics Corp]
Trang chủ  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P803B bảng dữ liệu(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P803B Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P803B Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
EM78P803B
8-bit Micro-controller
_________________________________________________________________________________________________________________________________________________________________
* This specification are subject to be changed without notice.II
2006/2/27
V1.3.5
5. Notice of ERIC Mode:
In ERIC mode, the RC oscillation circuit on the chip with an external resister provides the
system clock. There is no 32.768kHz clock because no crystal connects to the system. The sub
frequency which plays the role as the same as 32.768kHz is divided from system clock. User can
setup the scale factor by CODE option when downloading the program. Furthermore, to careful
to use the sub frequency clock when system working in ERIC mode. Some frequency didn’t
suggest might cause unpredictable condition. Please refer Sec.VII.15 for more detail
6. Common registers 0x20 ~ 0x3F only have three banks (banks 0,1,2). Notice that there is no bank
3 in these common registers. The bank 3 doesn’t exist.
7. Care must be taken while programming. When R4 (bit7,bit6) = (1,1), common registers 0x10 ~
0x1F cannot be read or written otherwise program maybe go to dead lock. ICE cannot reflect this
problem. This is incompatible situation between mask and ICE.
8. Notice of discrepancy of option code on ICE803, EM78P803B and EM78801
Option Name
ICE803
EM78P803B
EM78801
Two 8bits-counters mode
J7 connects GND
16CNT = 1
COP16CNT = 0
16CNT
COP16CNT
One 16bits-counter mode
J7 connects VDD
16CNT = 0
COP16CNT = 1
Slow mode
J5 connects GND
R2FHR = 1
COPR2FHR = 0
R2FHR
COPHIRES
Fast mode
J5 connects VDD
R2FHR = 0
COPR2FHR = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com