công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STSPIN32F0ATR bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện STSPIN32F0ATR
Giải thích chi tiết về linh kiện  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0ATR bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button STSPIN32F0ATR Datasheet HTML 20Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 21Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 22Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 23Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 24Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 25Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 26Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 27Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Device description
STSPIN32F0A
24/41
DocID030766 Rev 2.0
It is not allowed to apply VDD voltage externally in case of VM < VDD.
6.3
Linear regulator
The internal 12 V linear regulator is a LDO regulator providing the supply voltage for the
gate drivers section. An external capacitor connected to the VREG12 pin is required.
Figure 9: Linear regulator block diagram
When the VM voltage is below to 12 V, the VM pin and the linear regulator output can be
shorted together providing the gate driver supply externally.
The linear regulator embeds a thermal protection as described in Section 6.1.2: "Thermal
protection".
12 V LIN
regulator
VM
VREG12
C REG
VREG12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41