công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STSPIN32F0ATR bảng dữ liệu(PDF) 18 Page - STMicroelectronics

tên linh kiện STSPIN32F0ATR
Giải thích chi tiết về linh kiện  Advanced BLDC controller with embedded STM32 MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0ATR bảng dữ liệu(HTML) 18 Page - STMicroelectronics

Back Button STSPIN32F0ATR Datasheet HTML 14Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 15Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 16Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 17Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 18Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 19Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 20Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 21Page - STMicroelectronics STSPIN32F0ATR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Pin description
STSPIN32F0A
18/41
DocID030766 Rev 2.0
MCU pad
Type
Analog IC pad
Alternate and additional
functions
PA9
I/O - FTf
HS2
TIM1_CH2(1)
PA10
I/O - FTf
HS3
TIM1_CH3
PA11
I/O - FT
OC_SEL
Push-pull output(1)
PA12
I/O - FT
OC_COMP_INT2
TIM1_ETR(1)
PA13_SWD_IO
I/O - FT
SWDIO_INT
IR_OUT, SWDIO
PF6
I/O - FTf
OC_TH_STBY2
Push-pull output(1)
PF7
I/O - FTf
OC_TH_STBY1
Push-pull output(1)
PA14_SWD_CLK
I/O - FT
-
USART1_TX, SWCLK
PA15
I/O - FT
-
SPI1_NSS, I2S1_WS,
TIM2_CH_ETR, EVENTOUT,
USART1_RX
PB6
I/O - FTf
-
I2C1_SCL, USART1_TX,
TIM16_CH1N
PB7
I/O - FTf
-
I2C1_SDA, USART1_RX,
TIM17_CH1N
VBAT, VDD
S
VDD
Backup and digital power supply
VSS, VSSA
S
-
Ground
BOOT0
I
-
Boot memory selection
PC13, PC14, PC15, PB0,
PB2, PB10, PB11, PA15,
PB3, PB4, PB5, PB8, PB9
-
-
Not connected
Notes:
(1)The analog IC is designed to support these GPIOs configuration only. Different configuration could cause device
malfunctioning. The GPIO input configuration without pull-up or pull-down is always allowed.
Each unused GPIO inside the SiP should be configured in the OUTPUT mode low
level after the startup by software.
Table 8: STSPIN32F0A analog IC pad description
Pinout name
Pad name
Type
Function
PA13_SWD_IO
SYS_SWDIO
Digital
I/O
System debug data (connected to the output
through the analog IC)
VDDA
VDD_3V3
Power
3.3 V DC/DC buck regulator voltage output
VM
VM
Power
Power supply voltage (bus voltage)
SW
SW
Analog
out
3.3 V DC/DC buck regulator switching node
VREG12
VREG12
Power
12 V linear regulator output
VBOOTU
VBOOTU
Power
U phase bootstrap supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41