công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM3783C01VBH bảng dữ liệu(PDF) 1 Page - Mitsumi Electronics, Corp.

tên linh kiện MM3783C01VBH
Giải thích chi tiết về linh kiện  3 cell Lithium-ion/Lithium-polymer battery protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUMI [Mitsumi Electronics, Corp.]
Trang chủ  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3783C01VBH bảng dữ liệu(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM3783C01VBH Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
3 cell Lithium-ion/Lithium-polymer battery protection IC MM3783 Series
3 cell Lithium-ion/Lithium-polymer battery protection IC
MM3783 Series
Outline
MM3783 series are an overcharge, overdischarge, overcurrent and temperature protection IC for a Lithium-
ion/Lithiumpolymer rechargeable battery. Lithium-ion/Lithium-polymer battery overcharge each cell, over
discharge, and discharge and charging overcurrent, short circuits can be detected.
The detection of the temperature is enabled by connecting resistance between thermistor, TH terminal -VSS
terminals between REG terminal -TH terminals.
Each of these IC composed of six voltage detectors, short detection circuit, reference voltage sources, delay
time generation circuit , logical circuits and regulator circuit etc.
Features
(Unless otherwise specified, Topr=+25°C)
(1) Range and accuracy of detection/release voltage
Overcharge detection voltage
3.6V to 4.5V, 5mV steps
Accuracy±25mV (Topr=±0 to +50°C)
Overcharge release voltage (Note1)
3.4V to 4.5V, 50mV steps
Accuracy±50mV
Overdischarge detection voltage
2.0V to 3.0V, 50mV steps
Accuracy±80mV
Overdischarge release voltage (Note2)
2.0V to 3.5V, 50mV steps
Accuracy±100mV
Discharge overcurrent detection voltage 1
30mV to 300mV, 5mV steps
Accuracy±15mV (Typ. 50mV~)
Discharge overcurrent detection voltage 2
Twice or 4 times of discharging overcurrent 1
Accuracy±15%
Short detection voltage
4 or 8 times of discharging overcurrent 1
Accuracy±100mV
Charging overcurrent detect voltage
–300mV to –20mV, 5mV steps
Accuracy±10mV
Temperature protection detection voltage (Note3)
–25°C to 75°C, 5°C step 3
Accuracy±3°C
(2) Each detection delay time set by the external capacitor
Overcharge detection delay time
Setting by capacitor of COV
Accuracy±50%
Overcharge release delay time
1/10 to 10times of tVDET1
Accuracy±50%
Overdischarge detection delay time
Setting by capacitor of CUV
Accuracy±50%
Overdischarge release delay time
1/10 to 10times of tVDET2
Accuracy±50%
Discharging overcurrent detection delay time1
Setting by capacitor of CDOC
Accuracy±50%
Discharging overcurrent detection delay time2
1/10 to 10times of tVDET3-1
Accuracy±50%
Short detection delay time
Typ. 200µs fixed
Accuracy Min.100µs / Max.400µs
Discharging overcurrent release delay time
1/10 to 10times of tVDET3-1
Accuracy±50%
Charging overcurrent detection delay time
Setting by capacitor of CCOC
Accuracy±50%
Charging overcurrent release delay time
1/10 to 10times of tVDET4
Accuracy±50%
Temperature protection detection delay time
Setting by capacitor of CTH
Accuracy±50%
Temperature protection release delay time
1/10 to 10times of tVDET5
Accuracy±50%
Note1 : Overcharge release function is selectable from 3 options (voltage decrease, charger remove, load connect).
Note2 : Overdischarge release function is selectable from 3 options(voltage increase , charger remove, load connect).
Note3 : Temperature protection detection temperature accuracy is guaranteed by design.
Detection accuracy may change with the specification of the used NTC thermistor.


Số phần tương tự - MM3783C01VBH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mitsumi Electronics, Co...
MM3721 MITSUMI-MM3721 Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3721CK1RRE MITSUMI-MM3721CK1RRE Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3721EF1RRE MITSUMI-MM3721EF1RRE Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3721EF2RRE MITSUMI-MM3721EF2RRE Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
MM3721EF5RRE MITSUMI-MM3721EF5RRE Datasheet
49Kb / 3P
1cell Li-ion/Li-polymer battery protection IC
More results

Mô tả tương tự - MM3783C01VBH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
UB2421 UTC-UB2421 Datasheet
232Kb / 11P
ONE CELL LITHIUM-ION / POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Unisonic Technologies
UB280 UTC-UB280 Datasheet
192Kb / 9P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
1-cell lithium ion/lithium polymer battery protection IC
logo
SHOUDING Shouding Semic...
SD5350A SHOUDING-SD5350A Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5464A HMSEMI-HM5464A Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5464C HMSEMI-HM5464C Datasheet
2Mb / 13P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9901G HMSEMI-HM9901G Datasheet
3Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5453 HMSEMI-HM5453 Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com