công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MM3783C01VBH bảng dữ liệu(PDF) 7 Page - Mitsumi Electronics, Corp.

tên linh kiện MM3783C01VBH
Giải thích chi tiết về linh kiện  3 cell Lithium-ion/Lithium-polymer battery protection IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MITSUMI [Mitsumi Electronics, Corp.]
Trang chủ  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3783C01VBH bảng dữ liệu(HTML) 7 Page - Mitsumi Electronics, Corp.

  MM3783C01VBH Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3783C01VBH Datasheet HTML 7Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
3 cell Lithium-ion/Lithium-polymer battery protection IC MM3783 Series
(4) Instructions and directions for use
· When the current pathway of the charge and the discharge is separated, wiring is separated from the
drain of charge and discharge control FET.
· When the current pathway of the charge and the discharge is separated, do not connect load and
charger at the same time. It may incorrect-release from the discharging overcurrent detection state and
the short detection state.
· When the current pathway of the charge and the discharge is separated, please be sure to connect
capacitor (C5) of more than 0.1uF to between the drain and the source of charge control FET.
· If temperature protection function is repealed, please make TH pin and VDD pin connection and make a
REG pin open.
· Temperature detection property is adjusted using the thermo sensitive register of the following part
number, and resistance accuracy. In order to satisfy the characteristic of specification, it recommends
using the following parts.
Note5 : Calculation fomula of NTC resisance and voltage of TH terminal
· Ra = R0 * exp ( B * ( 1 / Ta - 1 / T0 ) )
Ra
: NTC resistance when the surrounding temperature is Ta(K).
R0
: NTC resistance when the surrounding temperature is T0(K).
B
: Thermistor constant
· Vdet = VREG * RTH / ( RTH + Rdet )
Vdet : Temperature protection detection threshold of MM3783 TH terminal.
VREG : Output voltage of MM3783 REG terminal.
Rdet : NTC resistance when the surrounding temperature is detection temperature.
RTH : The resistance between the TH terminal and the VSS terminal
Symbol
Name
Function
Part name
Remarks
RTNC
NTC
Thermistor
100k
±1%
B (25/50) =3950±1%
MF52D 104F 3950
Shenzhen DCH Electronic
RTH
Resistor
100k
±1%



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com