công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SE050A2HQ1/Z01SHZ bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện SE050A2HQ1/Z01SHZ
Giải thích chi tiết về linh kiện  Plug & Trust Secure Element
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE050A2HQ1/Z01SHZ bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button SE050A2HQ1/Z01SHZ Datasheet HTML 9Page - NXP Semiconductors SE050A2HQ1/Z01SHZ Datasheet HTML 10Page - NXP Semiconductors SE050A2HQ1/Z01SHZ Datasheet HTML 11Page - NXP Semiconductors SE050A2HQ1/Z01SHZ Datasheet HTML 12Page - NXP Semiconductors SE050A2HQ1/Z01SHZ Datasheet HTML 13Page - NXP Semiconductors SE050A2HQ1/Z01SHZ Datasheet HTML 14Page - NXP Semiconductors SE050A2HQ1/Z01SHZ Datasheet HTML 15Page - NXP Semiconductors SE050A2HQ1/Z01SHZ Datasheet HTML 16Page - NXP Semiconductors SE050A2HQ1/Z01SHZ Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
NXP Semiconductors
SE050
Plug & Trust Secure Element
SE050
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.0 — 12 May 2020
504930
13 / 30
Symbol
Pin
Description
ISO 7816 CLK
13
ISO 7816 clock input, if not used then n.c (recommended) or connect to VCC
ISO 7816 RST_N
14
ISO 7816 reset input low active, if not used then connect to Vcc or Vss
VOUT
15
supply voltage output to be connected with pad VCC on PCB level, if Deep
Power-down mode is used. N. c. if not used.
ISO 7816 IO2
16
ISO7816 IO2 pad or I2C master SCL. I if not used n.c (recommended) or
connect to VOUT.
ISO 14443 LA
17
ISO14443 antenna connection, if not used then connect to VSS
VCC
18
logic and ISO7816/ISO14443 interface power supply voltage input, to be
connected with pad VOUT on PCB level, if Deep Power-down mode to be used
VSS
19
ground
n.c.
20
not connected
The center pad of the IC is not connected, although it is recommended to connect it to
ground for thermal reasons.
Reference voltage for ISO 1816 IO1, CLK, RST is VCC; for I2C SDL and SCL reference
voltage is VIN and for IO2 it is VOUT.
8 Package
SE050 is offered in HX2QFN20 package. The dimensions are 3 mm x 3 mm x 0,32 mm
with a 0,4 mm pitch.
Please refer to the package data sheet [2], SOT1969-1.
9 Marking
Table 6. Marking codes
Type number
Marking code
Sx050...
Line A: S50
Line B: **** (**** = 4-digit Batch code)
Line C: nDyww
D: RHF-2006 indicator
n: Assembly Center
Y: Year
WW: Week
10 Packing information
10.1 Reel packing
The SE050 product is available in tape on reel.
Table 7. Reel packing options
Symbol
Parameter
Numbers of units per reel
HX2QFN20
7" tape on reel
3000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com