công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F917E/ML301 bảng dữ liệu(PDF) 47 Page - Microchip Technology

tên linh kiện PIC16F917E/ML301
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/ML301 bảng dữ liệu(HTML) 47 Page - Microchip Technology

Back Button PIC16F917E/ML301 Datasheet HTML 43Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 44Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 45Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 46Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 47Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 48Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 49Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 50Page - Microchip Technology PIC16F917E/ML301 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 45
PIC16F917/916/914/913
FIGURE 3-9:
BLOCK DIAGRAM OF RB<3:0>
Q
D
CK
Data Latch
TRIS Latch
RD TRISB
RD PORTB
Q
D
CK
TTL
Input Buffer
SE<3:0> and LCDEN
Data Bus
WR PORTB
WR TRISB
P
VDD
I/O Pin
VDD
Weak
Pull-up
SE<3:0>
SEG<3:0>
INT(2)
Schmitt
Trigger
SE0 and LCDEN
RBPU(1)
Note 1:
To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit.
2:
RB0 only.
SE<3:0> and LCDEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More