| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F917E/ML301 bảng dữ liệu(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F917E/ML301 bảng dữ liệu(HTML) 41 Page - Microchip Technology |
|
41 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 39 PIC16F917/916/914/913 3.1.1.7 RA6/OSC2/CLKO/T1OSO Figure 3-7 shows the diagram for this pin. The RA6/OSC2/CLKO/T1OSO pin is configurable to function as one of the following: • a general purpose I/O • a crystal/resonator connection • a clock output • a TMR1 oscillator connection FIGURE 3-7: BLOCK DIAGRAM OF RA6/OSC2/CLKO/T1OSO CLKO (FOSC/4) FOSC = 1x1 RD PORTA TTL Input Buffer Data Bus WR PORTA WR TRISA FOSC = 00x, 010 FOSC = 00x, 010 RA6/OSC2/ Oscillator Circuit From OSC1 CLKO/T1OSO Pin RD TRISA 0 1 Q D Q CK Data Latch VSS VDD Q D Q CK TRIS Latch or T1OSCEN or T1OSCEN |