công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM293AD bảng dữ liệu(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM293AD
Giải thích chi tiết về linh kiện  LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM293AD bảng dữ liệu(HTML) 34 Page - Texas Instruments

Back Button LM293AD Datasheet HTML 30Page - Texas Instruments LM293AD Datasheet HTML 31Page - Texas Instruments LM293AD Datasheet HTML 32Page - Texas Instruments LM293AD Datasheet HTML 33Page - Texas Instruments LM293AD Datasheet HTML 34Page - Texas Instruments LM293AD Datasheet HTML 35Page - Texas Instruments LM293AD Datasheet HTML 36Page - Texas Instruments LM293AD Datasheet HTML 37Page - Texas Instruments LM293AD Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM2903VQPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM2903VQPWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM293ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM293ADR
SOIC
D
8
2500
333.2
345.9
28.6
LM293ADR
SOIC
D
8
2500
364.0
364.0
27.0
LM293ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM293ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM293ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM293DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM293DR
SOIC
D
8
2500
367.0
367.0
35.0
LM293DR
SOIC
D
8
2500
364.0
364.0
27.0
LM293DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM293DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM293DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM393ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM393ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM393ADR
SOIC
D
8
2500
364.0
364.0
27.0
LM393ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM393ADR
SOIC
D
8
2500
333.2
345.9
28.6
LM393ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM393ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM393APWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM393APWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM393APWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
LM393BIDR
SOIC
D
8
2500
340.5
338.1
20.6
LM393BIPWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM393DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM393DR
SOIC
D
8
2500
340.5
338.1
20.6
LM393DR
SOIC
D
8
2500
367.0
367.0
35.0
LM393DRG3
SOIC
D
8
2500
333.2
345.9
28.6
LM393DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM393DRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM393DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM393PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM393PWR
TSSOP
PW
8
2000
367.0
367.0
35.0
LM393PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM393PWRG4
TSSOP
PW
8
2000
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
17-Jul-2020
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49