công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF80IRRHT bảng dữ liệu(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC32RF80IRRHT
Giải thích chi tiết về linh kiện  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80IRRHT bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button ADC32RF80IRRHT Datasheet HTML 14Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 15Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 16Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 17Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 18Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 19Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 20Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 21Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 138 page
background image
InputFrequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
4000
30
42
54
66
78
90
D016
InputFrequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
30
42
54
66
78
90
D070
Each Tone Amplitude (dBFS)
-36
-32
-28
-24
-20
-16
-12
-8
-110
-100
-90
-80
-70
-60
D015
Each Tone Amplitude (dBFS)
-36
-32
-28
-24
-20
-16
-12
-8
-110
-100
-90
-80
-70
-60
D069
Each Tone Amplitude (dBFS)
-36
-32
-28
-24
-20
-16
-12
-8
-110
-100
-90
-80
-70
-60
D014
Each Tone Amplitude (dBFS)
-36
-32
-28
-24
-20
-16
-12
-8
-110
-102
-94
-86
-78
-70
D068
18
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 2949.12 MSPS, DDC bypassed performance, 50% clock
duty cycle, AVDD19 = 1.9 V, AVDD = DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise
noted)
fIN1 = 1.8 GHz, fIN2 = 2.6 GHz, AIN = –36 dBFS
Figure 33. Intermodulation Distortion vs Input Amplitude
(1800 MHz and 2600 MHz)
fIN1 = 2.09 GHz, fIN2 = 2.1 GHz
Figure 34. Intermodulation Distortion vs Input Amplitude
(1800 MHz and 2600 MHz, fS = 2457.6 MSPS)
fIN1 = 3.49 GHz, fIN2 = 3.51 GHz with 2-dB digital gain
Figure 35. Intermodulation Distortion vs Input Amplitude
(3490 MHz and 3510 MHz)
fIN1 = 2.59GHz, fIN2 = 2.6 GHz
Figure 36. Intermodulation Distortion vs Input Amplitude
(3490 MHz and 3510 MHz, fS = 2457.6 MSPS)
AOUT = –2 dBFS with 0-dB gain for fIN less than 3 GHz,
AOUT = –3 dBFS with 2-dB gain for fIN more than 3 GHz
Figure 37. Spurious-Free Dynamic Range vs
Input Frequency
AOUT = –2 dBFS with 0-dB gain for fIN less than 3 GHz,
AOUT = –3 dBFS with 2-dB gain for fIN more than 3 GHz
Figure 38. Spurious-Free Dynamic Range vs
Input Frequency (fS = 2457.6 MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com