công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF80IRRHT bảng dữ liệu(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC32RF80IRRHT
Giải thích chi tiết về linh kiện  ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

ADC32RF80IRRHT bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button ADC32RF80IRRHT Datasheet HTML 25Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 26Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 27Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 28Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 29Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 30Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 31Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 32Page - Texas Instruments ADC32RF80IRRHT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 138 page
background image
Input Frequency (MHz)
100
200
300
500 700 1000
2000 3000
5000
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
D062
100 Ohm Source
50 Ohm Source
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
-3
-2
-1
0
1
2
3
D063
Input Frequency (MHz)
0
500
1000
1500
2000
2500
3000
0.01
0.02
0.03
0.04
0.05
0.06
0.07
D001
D064
29
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
The input impedance of analog inputs can also be modelled as parallel combination of equivalent resistance and
capacitance. Figure 82 and Figure 83 show how equivalent impedance (CIN and RIN) vary over frequency.
Figure 82. Differential Input Capacitance vs
Input Frequency
Figure 83. Differential Input Resistance vs Input Frquency
Each input pin (INP, INM) must swing symmetrically between (CM + 0.3375 V) and (CM – 0.3375 V), resulting in
a 1.35-VPP (default) differential input swing. The input sampling circuit has a 3-dB bandwidth that extends up to
approximately 3.2 GHz, as shown in Figure 84.
Figure 84. Input Bandwidth with a 100-Ω Source Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com