công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-C4BESSQTP bảng dữ liệu(PDF) 6 Page - Microchip Technology

tên linh kiện MXT1664T3-C4BESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-C4BESSQTP bảng dữ liệu(HTML) 6 Page - Microchip Technology

Back Button MXT1664T3-C4BESSQTP Datasheet HTML 2Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 3Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 4Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 5Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 6Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 7Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 8Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 9Page - Microchip Technology MXT1664T3-C4BESSQTP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 6
 2018 Microchip Technology Inc.
H8
DBG_DATA
O
VddIO
Debug data; see Section 2.5.9 “SPI Debug Interface”
I2C Mode: Connect to
test point
Connect to GND
XTAL_XOUT
O
USB mode: External oscillator output; see
Section 2.5.6 “XTAL_XOUT and XTAL_XIN”
H10
DS0
S
AVdd
Driven Shield signal; used as guard track between X/Y
signals and ground
Leave open
H11
Y8
S
AVdd
Y line connection
Leave open
H12
Y9
S
AVdd
Y line connection
Leave open
H13
Y10
S
AVdd
Y line connection
Leave open
J1
Y39
S
AVdd
Y line connection
Leave open
J2
Y38
S
AVdd
Y line connection
Leave open
J3
Y37
S
AVdd
Y line connection
Leave open
J11
Y11
S
AVdd
Y line connection
Leave open
J12
Y12
S
AVdd
Y line connection
Leave open
J13
Y13
S
AVdd
Y line connection
Leave open
K1
Y42
S
AVdd
Y line connection
Leave open
K2
Y41
S
AVdd
Y line connection
Leave open
K3
Y40
S
AVdd
Y line connection
Leave open
K4
VDDIO
P
–
Digital power
–
K5
USBDM
USB
VddIO
USB mode: Data Minus
Connect to GND
K6
I2CMODE
I
VddIO
I2C Mode: Selects I2C mode; see Section 7.2 “I2C
Mode Selection – I2CMODE Pin”
–
K7
GND
P
–
Ground
–
K8
PTCXY0
I/O
AVdd
Reserved for future use
Leave open
K9
PTCXY1
I/O
AVdd
Reserved for future use
Leave open
K10
NC
–
–
No connection
–
K11
Y14
S
AVdd
Y line connection
Leave open
K12
Y15
S
AVdd
Y line connection
Leave open
K13
Y16
S
AVdd
Y line connection
Leave open
L1
Y45
S
AVdd
Y line connection
Leave open
L2
Y44
S
AVdd
Y line connection
Leave open
L3
Y43
S
AVdd
Y line connection
Leave open
L4
GND
P
–
Ground
–
L5
SDA
OD
VddIO
I2C Mode: Serial Data
–
L6
COMMSEL
I
VddIO
Communications Interface Selection; see Section 7.1
“Host Communication Mode Selection – COMMSEL
Pin”
–
L7
GPIO2
I/O
VddIO
General purpose I/O; see Section 2.5.8 “GPIO Pins”
Connect to GND
L8
DBG_CLK
O
VddIO
Debug clock; see Section 2.5.9 “SPI Debug Interface”
I2C Mode: Connect to
test point
Connect to GND
XTAL_XIN
I
USB mode: External oscillator input; see Section 2.5.6
“XTAL_XOUT and XTAL_XIN”
L9
PTCXY2
I/O
AVdd
Reserved for future use
Leave open
L10
NC
–
–
No connection
–
TABLE 1:
PIN LISTING – 136-BALL UFBGA (CONTINUED)
Ball
Name
Type
Supply
Description
If Unused...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com