| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MXT1664T3-CCTESSQTP bảng dữ liệu(PDF) 59 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-CCTESSQTP bảng dữ liệu(HTML) 59 Page - Microchip Technology |
|
59 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 59 10.5.2 MAXIMUM TOUCHES REPORT Read this report to receive the maximum number of touches (surface contacts) that can currently be reported. Write this report to set the maximum number of touches to be reported. The format of the Maximum Touches report packet is shown in Figure 10-22. FIGURE 10-22: MAXIMUM TOUCHES REPORT PACKET FORMAT In Figure 10-22. • Rpt ID is the report ID for the Maximum Touches reports (see Table 10-3 on page 50). • Max Touch is the maximum number of touches to be reported by the device. 10.5.3 TOUCH HARDWARE QUALITY ASSURANCE (THQA) REPORT The THQA data is reported to Microsoft Windows using the THQA report ID (see Table 10-3 on page 50 for the value). The content of this data is defined by Microsoft. 10.6 USB Suspend Mode When the device is used in USB configuration, the USB “System Suspend” event can be used to minimize current consumption. Note that it is possible to put the device into deep sleep mode without also sending a “System Suspend” event on the USB bus, but the current consumption is not as low. The USB controller must send a USB “System Wakeup” event on the bus to bring the device out of suspend mode. The device can also be configured to respond to USB “Remote Wakeup” requests. In this case, if the operating system enables remote wakeup and the device is suspended, the device will continue to scan at a preset sensor refresh rate. Use of the remote wake up feature and the sensor refresh rate are configured using the Digitizer HID Configuration T43 object (refer to the mXT1664T3 2.0 Protocol Guide for more information). NOTE The number of touches cannot be set to more than the maximum number of touches configured in the device by the Multiple Touch Touchscreen T100 object. Maximum Number of Touches Reported Max Touch Reserved (62 Bytes) 0x00 0x00 ... Rpt ID |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |