công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-CCTESSQTP bảng dữ liệu(PDF) 50 Page - Microchip Technology

tên linh kiện MXT1664T3-CCTESSQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP bảng dữ liệu(HTML) 50 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 46Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 47Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 48Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 49Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 50Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 51Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 52Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 53Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 50
 2018 Microchip Technology Inc.
The composite device has one bidirectional endpoint: the Control Endpoint (Endpoint 0). It is used by the USB Host to
interrogate the USB device for details on its configurations, interfaces and report structures. It is also used to apply
general device settings relating to USB Implementation.
10.3
USB Report IDs
Table 10-3 describes the USB report IDs used in reports sent to the host.
10.4
Interface 0 (Generic HID)
Interface 0 is a Generic Human Interface Device, compliant with HID specification 1.11 with amendments (an
implementation of Microsoft’s USB HID specification for multitouch digitizers).
Interface 0 consists of two endpoints: an interrupt-In endpoint (Endpoint 1) and an interrupt-out endpoint (Endpoint 2).
The data packet in each case contains a 1-byte USB report ID followed by 63 bytes of data, totaling 64 bytes (see
Figure 10-2).
FIGURE 10-2:
GENERIC HID – DATA PACKET FORMAT
Commands are sent by the application software over the Interrupt-out endpoint, Endpoint 2. The command is sent as
the first data byte of the packet data (data byte 0), followed by conditions and/or data.
The supported commands are as follows:
• Read/write Memory Map
• Send Auto-return messages
• Start debug monitoring
• End debug monitoring
Responses from the device are sent via the Interrupt-In endpoint, Endpoint 1.
The USB report ID used is that for Object Protocol commands and responses; see Table 10-3 for the value.
10.4.1
READ/WRITE MEMORY MAP
This command is used to carry out a write/read operation on the memory map of the device.
NOTE
The term USB report ID should not be confused with the term report Id as used in the Object Protocol; the
two are entirely different concepts. Refer to the mXT1664T3 2.0 Protocol Guide for more information on
the use of Object Protocol report IDs.
TABLE 10-3:
USB REPORT IDS
Report ID
Description
HID Interface
0x01
Object Protocol (OBP) command and response
(see Section 10.4 “Interface 0 (Generic HID)”)
Generic HID
0x02
Additional OBP report ID for debug data
(see Section 10.4.3 “Start Debug Monitoring”)
Generic HID
0x01
Touch report
(see Section 10.5.1 “Touch Report”)
Digitizer HID
0x02
Maximum Touches (Surface Contacts) report
(see Section 10.5.2 “Maximum Touches Report”)
Digitizer HID
0x05
Touch Hardware Quality Assurance (THQA) report
(see Section 10.5.3 “Touch Hardware Quality Assurance
(THQA) Report”)
Digitizer HID
Report ID
Rpt ID
Data 62
Data 0
...
Packet Data
(63 Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com