công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS25LP016D-QLLE bảng dữ liệu(PDF) 6 Page - Integrated Silicon Solution, Inc

tên linh kiện IS25LP016D-QLLE
Giải thích chi tiết về linh kiện  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-QLLE bảng dữ liệu(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-QLLE Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
6
Rev. B10
03/09/2020
10.4 8-Contact Ultra-Thin Small Outline No-Lead (USON) Package 2x3mm (U) ......................................105
10.5 8-Contact Ultra-Thin Small Outline No-Lead (USON) Package 4x3mm (T).......................................106
10.6 8-Contact Ultra-Thin Small Outline No-Lead (WSON) Package 6x5mm (K)......................................107
10.7 16-Pin JEDEC 300mil Small Outline Integrated Circuit (SOIC) Package (M) ....................................108
10.8 24-Ball Thin Profile Fine Pitch BGA 6x8mm 4x6 array (G).................................................................109
10.9 24-Ball Thin Profile Fine Pitch BGA 6x8mm 5x5 array (H).................................................................110
10.10 8-CONTACT ULTRA-THIN SMALL OUTLINE NO-LEAD (WSON) PACKAGE 8x6mm (L).............111
11.
ORDERING INFORMATION - Valid Part Numbers...............................................................................112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More