công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS25LP016D-QLLE bảng dữ liệu(PDF) 56 Page - Integrated Silicon Solution, Inc

tên linh kiện IS25LP016D-QLLE
Giải thích chi tiết về linh kiện  SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP016D-QLLE bảng dữ liệu(HTML) 56 Page - Integrated Silicon Solution, Inc

Back Button IS25LP016D-QLLE Datasheet HTML 52Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 53Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP016D-QLLE Datasheet HTML 60Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 114 page
background image
IS25LP016D
IS25WP016D
Integrated Silicon Solution, Inc.- www.issi.com
56
Rev. B10
03/09/2020
8.20 ENTER QUAD PERIPHERAL INTERFACE (QPI) MODE OPERATION (QPIEN, 35h; QPIDI, F5h)
The Enter Quad Peripheral Interface (QPIEN) instruction, 35h, enables the Flash device for QPI bus operation.
Upon completion of the instruction, all instructions thereafter will be 4-bit multiplexed input/output until a power
cycle or an Exit Quad Peripheral Interface instruction is sent to device.
The Exit Quad Peripheral Interface (QPIDI) instruction, F5h, resets the device to 1-bit SPI protocol operation. To
execute an Exit Quad Peripheral Interface operation, the host drives CE# low, sends the QPIDI instruction, then
drives CE# high. The device just accepts QPI (2 clocks) command cycles.
Figure 8.34 Enter Quad Peripheral Interface (QPI) Mode Sequence
Instruction = 35h
CE#
SCK
SI
0
1
2
3
4
5
6
7
Mode 3
Mode 0
SO
High Impedance
Figure 8.35 Exit Quad Peripheral Interface (QPI) Mode Sequence
F5h
CE#
SCK
IO[3:0]
0
1
Mode 3
Mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com