công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T1024RDBUG bảng dữ liệu(PDF) 16 Page - Freescale Semiconductor, Inc

tên linh kiện T1024RDBUG
Giải thích chi tiết về linh kiện  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDBUG bảng dữ liệu(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button T1024RDBUG Datasheet HTML 12Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 13Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 14Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 15Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 16Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 17Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 18Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 19Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Although the platforms support all types, ranks, and speeds of DIMMs, but not all the
combinations of these three exist in the memory market. Hence, the system is shipped
with a “representative” DIMM, as noted in the below table. Other suitable memory
DIMMs can be purchased and installed if needed. However, Freescale only supplies the
device shown in the below table.
Table 2-1. Freescale supported DIMM
Platform
Type
Speeds
Ranks
DIMM
T1024RDB
DDR3L
1600 MT/s
Dual
Micron MT18KSF51272AZ-1G6K1
4GB, x72, CL=10
2.7 SerDes port
The T1024 SerDes block provides a four high-speed serial communication lanes,
supporting a variety of protocols, including:
• XFI 1X 10.3125G bit/s
• PCI Express (PEX) Gen 1 1X 2.5 Gbit/s
• PCI Express (PEX) Gen 2 1X 5 Gbit/s
• SGMII 2.5G bit/s
An overview of the SerDes protocols supported on the T1024RDB is shown in Table 2-2.
Table 2-2. SerDes protocols
SRDS_PRT
CL_S1
A
B
C
D
EC1
EC2
Per lane PLL mapping
0X095
XFI1(MAC1) PEXc x1 PEXb x1
PEXa x1
RGMII
(MAC4)
RGMII
(MAC3)
1222
0X135
Aurora
2.5
SGMII
(MAC3)
PEXb x1
PEXa x1
RGMII
(MAC4)
N/A
1211
To comply with the T1024 application, some multiplexers are used to re-route and group
the SerDes lanes as shown in the below figure.
SerDes port
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
16
Freescale Semiconductor, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com