| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T1024RDBUG bảng dữ liệu(PDF) 29 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
T1024RDBUG bảng dữ liệu(HTML) 29 Page - Freescale Semiconductor, Inc |
|
29 / 49 page ![]() • Headers • Jumpers • Push buttons • LEDs 2.18.1 Connectors The below table lists the various connectors on the T1024RDB platform. Table 2-6. Connectors on the T2080RDB-PB platform Reference designators Used for Notes J37 ATX power J2 SD card J18 PCIe x1 card Intended use is for PCIe cards that are 25 W or less J19, J20 Mini PCIe cards J43 TDM riser card J14 (two ports) Ethernet ports RGMII -> Copper J50 10G Ethernet ports 10G Base-T Ethernet port J41 (two ports) Dual Type A USB J13 (two ports) UART J49 Battery holder J1 UDIMM J34 CPU fan J33, J44-J46 Shelf fan J47 Remote reset switch J48 Remote power switch 2.18.2 Headers The below table lists the various headers on the T1024RDB platform. Table 2-7. Headers on T1024RDB platform Reference designators Used for Notes J26 Altera header Used for programming the Altera CPLD devices J3 COP/JTAG Used for debugging the T1024 devices Chapter 2 Architecture QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015 Freescale Semiconductor, Inc. 29 |