công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K118LAT0VLHT bảng dữ liệu(PDF) 44 Page - NXP Semiconductors

tên linh kiện FS32K118LAT0VLHT
Giải thích chi tiết về linh kiện  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K118LAT0VLHT bảng dữ liệu(HTML) 44 Page - NXP Semiconductors

Back Button FS32K118LAT0VLHT Datasheet HTML 40Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 41Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 42Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 43Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 44Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 45Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 46Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 47Page - NXP Semiconductors FS32K118LAT0VLHT Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
Table 35. Flash command timing specifications for S32K14x series (continued)
Symbol
Description1
S32K142
S32K144
S32K146
S32K148
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Unit Notes
32 KB
EEPROM
backup
0.8
1.2
0.8
1.2
0.8
1.2
—
—
48 KB
EEPROM
backup
1
1.5
1
1.5
1
1.5
—
—
64 KB
EEPROM
backup
1.3
1.9
1.3
1.9
1.3
1.9
1.3
1.9
teewr8b
Byte write to
FlexRAM
execution time
32 KB
EEPROM
backup
385
1700
385
1700
385
1700
—
—
µs
3,4
48 KB
EEPROM
backup
430
1850
430
1850
430
1850
—
—
64 KB
EEPROM
backup
475
2000
475
2000
475
2000
475
4000
teewr16b
16-bit write to
FlexRAM
execution time
32 KB
EEPROM
backup
385
1700
385
1700
385
1700
—
—
µs
3,4
48 KB
EEPROM
backup
430
1850
430
1850
430
1850
—
—
64 KB
EEPROM
backup
475
2000
475
2000
475
2000
475
4000
teewr32bers
32-bit write to
erased FlexRAM
location
execution time
—
360
2000
360
2000
360
2000
360
2000
µs
teewr32b
32-bit write to
FlexRAM
execution time
32 KB
EEPROM
backup
630
2000
630
2000
630
2000
—
—
µs
3,4
48 KB
EEPROM
backup
720
2125
720
2125
720
2125
—
—
64 KB
EEPROM
backup
810
2250
810
2250
810
2250
810
4500
tquickwr
32-bit Quick
Write execution
time: Time from
CCIF clearing
(start the write)
until CCIF
setting (32-bit
1st 32-bit
write
200
550
200
550
200
550
200
1100
µs
4,5,6
2nd through
Next to Last
(Nth-1) 32-
bit write
150
550
150
550
150
550
150
550
Table continues on the next page...
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 13, 04/2020
44
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com