| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESP32-D0WD bảng dữ liệu(PDF) 10 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP32-D0WD bảng dữ liệu(HTML) 10 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
10 / 64 page ![]() 1. Overview 1.4.2 Clocks and Timers • Internal 8 MHz oscillator with calibration • Internal RC oscillator with calibration • External 2 MHz ~ 60 MHz crystal oscillator (40 MHz only for Wi-Fi/BT functionality) • External 32 kHz crystal oscillator for RTC with calibration • Two timer groups, including 2 × 64-bit timers and 1 × main watchdog in each group • One RTC timer • RTC watchdog 1.4.3 Advanced Peripheral Interfaces • 34 × programmable GPIOs • 12-bit SAR ADC up to 18 channels • 2 × 8-bit DAC • 10 × touch sensors • 4 × SPI • 2 × I²S • 2 × I²C • 3 × UART • 1 host (SD/eMMC/SDIO) • 1 slave (SDIO/SPI) • Ethernet MAC interface with dedicated DMA and IEEE 1588 support • CAN 2.0 • IR (TX/RX) • Motor PWM • LED PWM up to 16 channels • Hall sensor 1.4.4 Security • Secure boot • Flash encryption • 1024-bit OTP, up to 768-bit for customers • Cryptographic hardware acceleration: – AES – Hash (SHA-2) – RSA Espressif Systems 3 Submit Documentation Feedback ESP32 Datasheet V3.4 |