| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ESP32-D0WD bảng dữ liệu(PDF) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
|
|||||||||||||||||||||||||||||
ESP32-D0WD bảng dữ liệu(HTML) 44 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. |
|
44 / 64 page ![]() 5. Electrical Characteristics Reliability tests Standards Test conditions Result Moisture Sensitivity Level (MSL) J-STD-020, MSL 3 30 °C, 60% RH, 192 hours, IR × 3 @260 °C Pass 1. JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process. 2. JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process. 5.5 RF Power-Consumption Specifications The power consumption measurements are taken with a 3.3 V supply at 25 °C of ambient temperature at the RF port. All transmitters’ measurements are based on a 50% duty cycle. Table 15: RF Power-Consumption Specifications Mode Min Typ Max Unit Transmit 802.11b, DSSS 1 Mbps, POUT = +19.5 dBm - 240 - mA Transmit 802.11g, OFDM 54 Mbps, POUT = +16 dBm - 190 - mA Transmit 802.11n, OFDM MCS7, POUT = +14 dBm - 180 - mA Receive 802.11b/g/n - 95 ~ 100 - mA Transmit BT/BLE, POUT = 0 dBm - 130 - mA Receive BT/BLE - 95 ~ 100 - mA 5.6 Wi-Fi Radio Table 16: Wi-Fi Radio Characteristics Parameter Condition Min Typical Max Unit Operating frequency range note1 - 2412 - 2484 MHz Output impedance note2 - - note 2 - Ω TX power note3 11n, MCS7 12 13 14 dBm 11b mode 18.5 19.5 20.5 dBm Sensitivity 11b, 1 Mbps - –98 - dBm 11b, 11 Mbps - –88 - dBm 11g, 6 Mbps - –93 - dBm 11g, 54 Mbps - –75 - dBm 11n, HT20, MCS0 - –93 - dBm 11n, HT20, MCS7 - –73 - dBm 11n, HT40, MCS0 - –90 - dBm 11n, HT40, MCS7 - –70 - dBm Adjacent channel rejection 11g, 6 Mbps - 27 - dB 11g, 54 Mbps - 13 - dB 11n, HT20, MCS0 - 27 - dB 11n, HT20, MCS7 - 12 - dB Espressif Systems 37 Submit Documentation Feedback ESP32 Datasheet V3.4 |