công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7440XMT bảng dữ liệu(PDF) 69 Page - Microsemi Corporation

tên linh kiện VSC7440XMT
Giải thích chi tiết về linh kiện  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440XMT bảng dữ liệu(HTML) 69 Page - Microsemi Corporation

Back Button VSC7440XMT Datasheet HTML 65Page - Microsemi Corporation VSC7440XMT Datasheet HTML 66Page - Microsemi Corporation VSC7440XMT Datasheet HTML 67Page - Microsemi Corporation VSC7440XMT Datasheet HTML 68Page - Microsemi Corporation VSC7440XMT Datasheet HTML 69Page - Microsemi Corporation VSC7440XMT Datasheet HTML 70Page - Microsemi Corporation VSC7440XMT Datasheet HTML 71Page - Microsemi Corporation VSC7440XMT Datasheet HTML 72Page - Microsemi Corporation VSC7440XMT Datasheet HTML 73Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
52
Figure 18 •
Frame Injection Formats
For the long prefix, the incoming frame is matching against a programmable VLAN tag. The VLAN tag is
common for all ports. Only the VID and TPID fields of the VLAN tag are compared. The following table
lists the injection VLAN configuration register.
When a port is setup to receive frames with either a short prefix or a long prefix, the incoming frames are
checked against the selected prefix. If the prefix does not match, an error indication is set in
ASM::PORT_STICKY.IFH_PREFIX_ERR_STICKY. Depending on the setting of
ASM::PORT_CFG.INJ_DISCARD_CFG, the frames are processed in one of the three following modes.
•
None. Both compliant and non-compliant frames are forwarded. Compliant frames are forwarded
based on the IFH, and non-compliant frames are forwarded as regular frames.
•
Drop non-compliant. Compliant frames are forwarded based on the IFH, and non-compliant frames
are discarded.
•
Drop compliant. Compliant frame are discarded, and non-compliant frames are forwarded as normal
frames.
If a CPU port is used for frame injection, ASM::PORT_CFG.NO_PREAMBLE_ENA must be set to 1 so
that the assembler does not expect frame data to be prepended with a preamble.
If a front port is used for frame injection, ASM::PORT_CFG.SKIP_PREAMBLE_ENA must be set to 1 to
discard the preamble data before processing of the prepended injection header.
3.11.3
Setting Up MAC Control Sublayer PAUSE Frame Detection
The following table lists the PAUSE frame detection configuration registers in the assembler.
Table 32 •
Injection VLAN Register Overview
Target::Register.Field
Description
Replication
ASM::INJ_VLAN_CFG.INJ_VID_CFG
Injection tag VID
1
ASM::INJ_VLAN_CFG.INJ_TPID_CFG
Injection tag TPID
1
Table 33 •
PAUSE Frame Detection Configuration Register Overview
Target::Register.Field
Description
Replication
ASM::PAUSE_CFG.ABORT_PAUSE_ENA
Stop forwarding of PAUSE frames
Per port
ASM::PAUSE_CFG.ABORT_CTRL_ENA
Stop forwarding of MAC control frames Per port
ASM::MAC_ADDR_HIGH_CFG.MAC_ADDR_HIGH
Bits 47-24 of DMAC address checked in
MAC_Control frames
Per port
ASM::MAC_ADDR_LOW_CFG.MAC_ADDR_LOW
Bits 23-0 of DMAC address checked in
MAC_Control frames
Per port
Any DMAC
48 bits
Any SMAC
48 bits
Injection
VLAN tag
32 bits
IFH
224 bits
Injection with long prefix:
Injection with short prefix:
Injection with no prefix:
Original frame
Original frame
Start-of-frame
8880
16 bits
0009
16 bits
Any DMAC
48 bits
Any SMAC
48 bits
IFH
224 bits
Original frame
8880
16 bits
0009
16 bits
IFH
224 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com