công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VSC7440XMT bảng dữ liệu(PDF) 68 Page - Microsemi Corporation

tên linh kiện VSC7440XMT
Giải thích chi tiết về linh kiện  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440XMT bảng dữ liệu(HTML) 68 Page - Microsemi Corporation

Back Button VSC7440XMT Datasheet HTML 64Page - Microsemi Corporation VSC7440XMT Datasheet HTML 65Page - Microsemi Corporation VSC7440XMT Datasheet HTML 66Page - Microsemi Corporation VSC7440XMT Datasheet HTML 67Page - Microsemi Corporation VSC7440XMT Datasheet HTML 68Page - Microsemi Corporation VSC7440XMT Datasheet HTML 69Page - Microsemi Corporation VSC7440XMT Datasheet HTML 70Page - Microsemi Corporation VSC7440XMT Datasheet HTML 71Page - Microsemi Corporation VSC7440XMT Datasheet HTML 72Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
51
By default, an Ethernet port does not need configuration in the assembler as long as special settings are
not required. However, the following exceptions may apply:
If the port is used as a stacking port, set ASM::PORT_CFG.VSTAX2_AWR_ENA, which enables
detection of the VStaX stacking header. If a VStaX stacking header is found, the assembler will remove
the header from the frame and put it into the internal frame header.
Frames received from the port modules are preamble prepended by default. If a port module is
configured for preamble shrink mode, the ASM::PORT_CFG.NO_PREAMBLE_ENA must be set to 1,
because the port module does not prepend a preamble in this mode.
When ASM::PORT_CFG.PAD_ENA is set, frames that are smaller than 64 bytes are padded to reach the
minimum frame size.
The assembler has a built-in frame fragment detection mechanism for incoming frames that were started
but never received their EOF (because the port module was taken down, for example). These frames are
normally finalized by creating an EOF abort marked cell. If a frame has been discarded, it is noted in
ASM::PORT_STICKY.FRM_AGING_STICKY. The following table lists the port status register.
3.11.2
Setting Up a Port for Frame Injection
Any front port and the internal CPU ports (ports 11-12) can be configured for frame injection. Frames that
are to be injected must have an IFH prepended the frame data. Optionally, the frame can further be
prepended an SMAC, a DMAC, and a VLAN tag. This results in the following three prefix formats for
injection frames:
•
Injection with long prefix
•
Injection with short prefix
•
Injection with no prefix
The injection format is selected in ASM::PORT_CFG.INJ_FORMAT_CFG. The prefix formats are shown
in the following illustration.
ASM::PORT_CFG.PAD_ENA
Enable padding.
Per port
ASM::PORT_CFG.INJ_DISCARD_CFG
Configures discard behavior for injected frames.
Per port
ASM::PORT_CFG.INJ_FORMAT_CFG
Configure format of injected frames.
Per port
ASM::PORT_CFG.VSTAX2_AWR_ENA
Enable VStaX stacking header awareness.
Per port
Table 31 •
Port Status Register Overview
Target::Register.Field
Description
Replication
ASM::PORT_STICKY.IFH_PREFIX_ERR_STICKY Injection format mismatch sticky bit Per port
ASM::PORT_STICKY.FRM_AGING_STICKY
Frame aging sticky bit
Per port
Table 30 •
Port Configuration Register Overview (continued)
Target::Register.Field
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com