| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F256J3A-150 bảng dữ liệu(PDF) 6 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
JS28F256J3A-150 bảng dữ liệu(HTML) 6 Page - Intel Corporation |
|
6 / 72 page ![]() Contents 6 Datasheet 07/27/01 -009 Added Figure 4, 3 Volt Intel StrataFlash ® Memory VF BGA Package (32 Mbit) Added Figure 5, 3 Volt Intel StrataFlash ® Memory VF BGA Mechanical Specifications Updated Operating Temperature Range to Extended (Section 6.1 and Table 22) Reduced tEHQZ to 35 ns. Reduced tWHEH to 0 ns Added parameter values for –40 °C operation to Lock-Bit and Suspend Latency Updated VLKO and VPENLK to 2.2 V Removed Note #4, Section 6.4 and Section 6.6 Minor text edits 10/31/01 -010 Added notes under lead descriptions for VF BGA Package Removed 3.0 V - 3.6 V Vcc, and Vccq columns under AC Characteristics Removed byte mode read current row un DC characteristics Added ordering information for VF BGA Package Minor text edits 03/21/02 -011 Changed datasheet to reflect the best known methods Updated max value for Clear Block Lock-Bits time Minor text edits 12/12/02 -012 Added nomenclature for J3C (0.18 µm) devices. 01/24/03 -013 Added 115 ns access speed 64 Mb J3C device. Added 120 ns access speed 128 Mb J3C device. Added “TE” package designator for J3C TSOP package. 12/09/03 -014 Revised Asynchronous Page Read description. Revised Write-to-Buffer flow chart. Updated timing waveforms. Added 256-Mbit J3C pinout. 1/3/04 -015 Added 256Mbit device timings, device ID, and CFI information. Also corrected VLKO specification. 1/23/04 -016 Corrected memory block count from 257 to 255. 1/23/04 -016 Memory block count fix. 5/19/04 -018 Restructured the datasheet layout. 7/7/04 -019 Added lead-free part numbers and 8-word page information. 11/23/04 -020 Added Note to DC Voltage Characteristics table; “Speed Bin” to Read Operations table; Corrected format for AC Waveform for Reset Operation figure; Corrected “R” and “8W” headings in Enhanced Configuration Register table because they were transposed; Added 802 and 803 to ordering information and corrected 56- Lead TSOP combination number. 3/24/05 -021 Corrected ordering information. Date of Revision Version Description |