công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F256J3A-150 bảng dữ liệu(PDF) 41 Page - Intel Corporation

tên linh kiện JS28F256J3A-150
Giải thích chi tiết về linh kiện  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F256J3A-150 bảng dữ liệu(HTML) 41 Page - Intel Corporation

Back Button JS28F256J3A-150 Datasheet HTML 37Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 38Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 39Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 40Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 41Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 42Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 43Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 44Page - Intel Corporation JS28F256J3A-150 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
41
10.3
Read Query/CFI
The query register contains an assortment of flash product information such as block size, density,
allowable command sets, electrical specifications and other product information. The data
contained in this register conforms to the Common Flash Interface (CFI) protocol. To obtain any
information from the query register, execute the Read Query Register command. See Section 9.2,
“Device Commands” on page 35 for details on issuing the CFI Query command. Refer to
Appendix A, “Query Structure Overview” on page 53 for a detailed explanation of the CFI register.
Information contained in this register can only be accessed by executing a single-word read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72