| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
98ASH00962A bảng dữ liệu(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
98ASH00962A bảng dữ liệu(HTML) 33 Page - NXP Semiconductors |
|
33 / 41 page ![]() Pinout 9.1 Signal multiplexing and pin assignments The following table shows the signals available on each pin and the locations of these pins on the devices supported by this document. The Port Control Module is responsible for selecting which ALT functionality is available on each pin. Table 20. Pin availability by package pin-count Pin Number Lowest Priority <-- --> Highest 64-LQFP 64-QFP 48-LQFP 44-LQFP 32-LQFP Port Pin Alt 1 Alt 2 Alt 3 Alt 4 1 1 1 1 PTD11 KBI1P1 FTM2CH3 MOSI1 — 2 2 2 2 PTD01 KBI1P0 FTM2CH2 SPSCK1 — 3 — — — PTH7 — — — — 4 — — — PTH6 — — — — 5 3 3 — PTE7 — TCLK2 — — 6 4 4 — PTH2 — BUSOUT — — 7 5 5 3 — — — — VDD 8 6 6 4 — — — VDDA VREFH 9 7 7 5 — — — VSSA VREFL 10 8 8 6 — — — — VSS 11 9 9 7 PTB7 — SCL — EXTAL 12 10 10 8 PTB6 — SDA — XTAL 13 11 11 — — — — — VSS 14 — — — PTH11 — FTM2CH1 — — 15 — — — PTH01 — FTM2CH0 — — 16 12 — — PTE6 — — — — 17 13 — — PTE5 — — — — 18 14 12 9 PTB51 FTM2CH5 SS0 — — 19 15 13 10 PTB41 FTM2CH4 MISO0 — — 20 16 14 11 PTC3 FTM2CH3 — ADP11 — 21 17 15 12 PTC2 FTM2CH2 — ADP10 — 22 18 16 — PTD7 KBI1P7 TXD2 — — 23 19 17 — PTD6 KBI1P6 RXD2 — — 24 20 18 — PTD5 KBI1P5 — — — 25 21 19 13 PTC1 — FTM2CH1 ADP9 — 26 22 20 14 PTC0 — FTM2CH0 ADP8 — 27 — — — PTF7 — — ADP15 — Table continues on the next page... 9 Pinout MC9S08PA60 Series Data Sheet, Rev. 4, 09/2019 NXP Semiconductors 33 |