| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE8110ED bảng dữ liệu(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8110ED bảng dữ liệu(HTML) 8 Page - Infineon Technologies AG |
|
8 / 74 page ![]() Data Sheet 8 Rev. 1.0 2018-03-07 TLE8110ED Smart Multichannel Low Side Switch with Parallel Control and SPI Interface Pin Configuration Note: The exposed pad of TLE8110ED is not connected to ground pins internally. It is highly recommended to connect the exposed pad to GND pins on the PCB. 16 P_IN7 Parallel Input Pin 7. Default assignment to Output Channel 7 17 P_IN8 Parallel Input Pin 8. Default assignment to Output Channel 8 18 GND Ground 19 GND Ground 20 OUT9 Drain of Power Transistor Channel 9 21 OUT10 Drain of Power Transistor Channel 10 22 N.C. internally not connected, connect to Ground 23 GND Ground 24 OUT6 Drain of Power Transistor Channel 6 25 OUT4 Drain of Power Transistor Channel 4 26 OUT3 Drain of Power Transistor Channel 3 27 P_IN9 Parallel Input Pin 9. Default assignment to Output Channel 9 28 P_IN10 Parallel Input Pin 10. Default assignment to Output Channel 10 29 OUT2 Drain of Power Transistor Channel 2 30 OUT1 Drain of Power Transistor Channel 1 31 OUT5 Drain of Power Transistor Channel 5 32 GND Ground 33 N.C. internally not connected, connect to Ground 34 OUT8 Drain of Power Transistor Channel 8 35 OUT7 Drain of Power Transistor Channel 7 36 GND Ground Exposed Pad internally not connected, connect to Ground Pin Symbol Function |