công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

REF4132A25DBVR bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện REF4132A25DBVR
Giải thích chi tiết về linh kiện  REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

REF4132A25DBVR bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button REF4132A25DBVR Datasheet HTML 9Page - Texas Instruments REF4132A25DBVR Datasheet HTML 10Page - Texas Instruments REF4132A25DBVR Datasheet HTML 11Page - Texas Instruments REF4132A25DBVR Datasheet HTML 12Page - Texas Instruments REF4132A25DBVR Datasheet HTML 13Page - Texas Instruments REF4132A25DBVR Datasheet HTML 14Page - Texas Instruments REF4132A25DBVR Datasheet HTML 15Page - Texas Instruments REF4132A25DBVR Datasheet HTML 16Page - Texas Instruments REF4132A25DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
REF4132
+
±
OPA735
+5 V
+5 V
-5 V
-2.5 V
+2.5 V
EN
VIN
VREF
GND
R
1
10 NŸ
R
2
10 NŸ
13
REF4132
www.ti.com
SNAS794A – JUNE 2020 – REVISED JUNE 2020
Product Folder Links: REF4132
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1
EN Pin
When the EN pin (ENABLE PIN) of the REF4132 is pulled high, the device is in active mode. The device must be
in active mode for normal operation. The REF4132 can be placed in shutdown mode by pulling the ENABLE pin
low. When in shutdown mode, the output of the device becomes high impedance and the quiescent current of
the device reduces to 2.5 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage.
See the Specifications for logic high and logic low voltage levels.
9.4.2 Negative Reference Voltage
For applications requiring a negative and positive reference voltage, the REF4132 and OPA735 can be used to
provide a dual-supply reference from a 5-V supply. Figure 19 shows the REF4132 used to provide a 2.5-V supply
reference voltage. The low drift performance of the REF4132 complements the low offset voltage and zero drift of
the OPA735 to provide an accurate solution for split-supply applications. Take care to match the temperature
coefficients of R1 and R2.
Figure 19. REF4132 and OPA735 Create Positive and Negative Reference Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com