công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

REF4132A25DBVR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện REF4132A25DBVR
Giải thích chi tiết về linh kiện  REF4132 Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

REF4132A25DBVR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  REF4132A25DBVR Datasheet HTML 1Page - Texas Instruments REF4132A25DBVR Datasheet HTML 2Page - Texas Instruments REF4132A25DBVR Datasheet HTML 3Page - Texas Instruments REF4132A25DBVR Datasheet HTML 4Page - Texas Instruments REF4132A25DBVR Datasheet HTML 5Page - Texas Instruments REF4132A25DBVR Datasheet HTML 6Page - Texas Instruments REF4132A25DBVR Datasheet HTML 7Page - Texas Instruments REF4132A25DBVR Datasheet HTML 8Page - Texas Instruments REF4132A25DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
REF4132
SNAS794A – JUNE 2020 – REVISED JUNE 2020
www.ti.com
Product Folder Links: REF4132
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics........................................... 5
7.6
Typical Characteristics .............................................. 6
8
Parameter Measurement Information .................. 9
8.1
Solder Heat Shift ....................................................... 9
8.2
Long-Term Stability ................................................. 10
8.3
Thermal Hysteresis ................................................. 10
8.4
Power Dissipation ................................................... 10
8.5
Noise Performance ................................................. 11
9
Detailed Description ............................................ 12
9.1
Overview ................................................................. 12
9.2
Functional Block Diagram ....................................... 12
9.3
Feature Description................................................. 12
9.4
Device Functional Modes........................................ 13
10
Application and Implementation........................ 14
10.1
Application Information.......................................... 14
10.2
Typical Application: Basic Voltage Reference
Connection ............................................................... 14
11
Power Supply Recommendations ..................... 16
12
Layout................................................................... 17
12.1
Layout Guidelines ................................................. 17
12.2
Layout Example .................................................... 17
13
Device and Documentation Support ................. 18
13.1
Documentation Support ........................................ 18
13.2
Receiving Notification of Documentation Updates 18
13.3
Community Resources.......................................... 18
13.4
Trademarks ........................................................... 18
13.5
Electrostatic Discharge Caution ............................ 18
13.6
Glossary ................................................................ 18
14
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (May 2020) to Revision A
Page
•
Added 3V, 3.3V, 4.096V, 5V output voltage variants. ............................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com