| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5KP28 bảng dữ liệu(PDF) 1 Page - Formosa MS |
|
|
|||||||||||||||||||||||||||||
5KP28 bảng dữ liệu(HTML) 1 Page - Formosa MS |
|
1 / 4 page ![]() PAGE . 1 STAD-NOV.11.2003 5KP SERIES GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR NOTES: 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°Cper Fig. 2. 2.Mounted on Copper Leaf area of 0.79in2(20mm2). 3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-O • 5000W Peak Pulse Power capability at on 10/1000µs waveform • Excellent clamping capability • Low zener impedance • Repetition rate(Duty Cycle):.05% • Fast response time: typically less than 1.0 ps from 0 volts to BV min • Typical IR less than 1µA above 10V MECHANICALDATA Case: JEDEC P-600 molded plastic Terminals: Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted cathode except Bipolar Mounting Position: Any Weight: 0.07 ounce, 2.1 gram .052(1.3) .360(9.1) .340(8.6) .048(1.2) P-600 Unit: inch(mm) DATA SHEET DEVICES FOR BIPOLARAPPLICATIONS For Bidirectional use C or CA Suffix for types 5KP5.0 thru types 5KP220 Electrical characteristics apply in both directions. MAXIMUM RATINGSAND CHARACTERISTICS Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. VOLTAGE 5.0 to 220 Volts 5000 Watts PEAK PULSE POWER g n i t a Rl o b m y Se u l a Vs t i n U 5 2 = A T t a n o i t a p i s s i D r e w o P k a e P O ) 1 e t o N ( s m 1 = P T , CPPK 0 0 0 5s t t a W t a n o i t a p i s s i d r e w o P e t a t S y d a e t S T 5 7 = L O C ) 2 e t o N ( ) m m 5 9 ( , " 5 7 3 . s h t g n e L d a e L PD 0 . 8s t t a W e v a W - e n i S f l a H e l g n i S s m 3 . 8 , t n e r r u C e g r u S d r a w r o F k a e P ) 3 e t o N ( ) d o h t e M D E C E J ( d a o L d e t a R n o d e s o p m i r e p u S I FSM 0 0 4s p m A e g n a R e r u t a r e p m e T e g a r o t S d n a n o i t c n u J g n i t a r e p O TJ,TSTG 5 7 1 + o t 5 5 - O C |
Số phần tương tự - 5KP28 |
|
Mô tả tương tự - 5KP28 |