| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM79C930 bảng dữ liệu(PDF) 142 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C930 bảng dữ liệu(HTML) 142 Page - Advanced Micro Devices |
|
142 / 161 page ![]() AMD P R E L I M I N A R Y 142 Am79C930 5.0 V TAI INTERFACE AC CHARACTERISTICS Parameter Symbol Parameter Description Test Conditions Min Max Unit TCLKIN CLKIN Period MIR9[7]=1 25 ns TCLIN CLKIN Low time MIR9[7]=1 5 ns TCHIN CLKIN High time MIR9[7]=1 5 ns TCLKIN CLKIN Period MIR9[7]=0 50 TCLIN CLKIN Low time MIR9[7]=0 22 TCHIN CLKIN High time MIR9[7]=0 22 TINHL CLKIN Fall time Note 8 3 ns TINLH CLKIN Rise time Note 8 3 ns TRXC RXC Period Note 5 500 ns TCLRX RXC Low time Note 5 240 ns TCHRX RXC High time Note 5 240 ns TRXHL RXC Fall time Note 8 10 ns TRXLH RXC Rise time Note 8 10 ns TTXC TXC Period Notes 1, 5, 7 500 ns TCLTX TXC Low time Notes 1, 5, 7 245 ns TCHTX TXC High time Notes 1, 5, 7 245 ns TTXHL TXC Fall time Notes 1, 8 5 ns TTXLH TXC Rise time Notes 1, 8 5 ns TTXCO TXC Period Notes 2, 7 500 ns TCLTXO TXC Low time Notes 2, 7 285 ns TCHTXO TXC High time Notes 2, 7 185 ns TTXHLO TXC Fall time Notes 2, 8 15 ns TTXLHO TXC Rise time Notes 2, 8 15 ns tRXDS RXD setup time to RXC ↑ Note 6 110 ns tRXDH RXD hold time from RXC ↑ Note 6 10 ns tTXDD TXD delay from TXC ↓ Notes 1, 3 10 200 ns tTXDS TXD setup time to TXC ↑ Notes 2, 4 TCLTX-165 ns tTXDH TXD hold time from TXC ↑ Notes 2, 4 TCHTX ns tTXDV TXD delay from TXC ↓ Notes 2, 3 0 150 ns |