công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE5014D bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG

tên linh kiện TLE5014D
Giải thích chi tiết về linh kiện  Giant Magneto Resistance (GMR)-based principle
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014D bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG

Back Button TLE5014D Datasheet HTML 2Page - Infineon Technologies AG TLE5014D Datasheet HTML 3Page - Infineon Technologies AG TLE5014D Datasheet HTML 4Page - Infineon Technologies AG TLE5014D Datasheet HTML 5Page - Infineon Technologies AG TLE5014D Datasheet HTML 6Page - Infineon Technologies AG TLE5014D Datasheet HTML 7Page - Infineon Technologies AG TLE5014D Datasheet HTML 8Page - Infineon Technologies AG TLE5014D Datasheet HTML 9Page - Infineon Technologies AG TLE5014D Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Final Datasheet
6
Rev. 1.0
2018-04-04
TLE5014D
Pre-Configured Derivatives
4
Pre-Configured Derivatives
Derivatives of the TLE5014D are available with different pre-configured register settings for specific
application (“settings”). For each derivative with such settings, the interface type is locked and cannot be
changed. Only the derivatives with such settings have been released for production by Infineon.
Other settings/parameters for other applications could be adjusted but such adjusted settings would not have
been released for production by Infineon.
Furthermore, the available safety analysis and safety manual does only include these preconfigured
derivatives.
4.1
TLE5014C16D
The sensor has SPC as predefined interface which is locked and cannot be changed.
The predefined SPC configuration of TLE5014C16D is shown below:
Following parameters and values are allowed to modify:
• SPC unit time: 1.5µs / 2.5µs
• Short serial message: enable / disable
• Rolling counter in CRC: enable /disable
• SPC ID: 0 / 1 / 2 / 3
4.2
TLE5014S16D
The sensor has SENT as predefined interface which is locked and cannot be changed.
The predefined SENT configuration of TLE5014S16D is shown below:
Following parameters and values are allowed to modify:
• Short serial message: enable / disable
• Pause pulse: enable /disable
• SENT Protocol Type: Standard / Single Secure Sensor
Table 4-1
SPC Derivative Configuration TLE5014C16D
Interface
SPC unit time
SPC low time
SPC Trigger
Short Serial Message
SPC
2.5µs
5UT
constant 90UT
enabled
Table 4-2
SPC Derivative Configuration TLE5014C16D
Rolling Counter
Rolling Counter in CRC Look-up Table
SPC ID
Output driver
enabled
disabled
enabled, preconfigured
00B
open drain w/
controlled slope
Table 4-3
SENT Derivative Configuration TLE5014S16D
Interface
SENT unit time
SENT low time
SENT Protocol Type Short Serial Message
SENT
3.0µs
5UT
single secure sensor enabled
Table 4-4
SENT Derivative Configuration TLE5014S16D
SENT Error Indication
SENT Data Range Pause Pulse Look-up Table
Output driver
error code 4091 enabled 1 ... 4088
enabled
enabled, preconfigured push/pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com