| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VPN12AD02-FU bảng dữ liệu(PDF) 13 Page - Cyntec Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
VPN12AD02-FU bảng dữ liệu(HTML) 13 Page - Cyntec Co., Ltd. |
|
13 / 22 page ![]() Rev. P05 13 VPN12AD02-FU VOUT Voltage Setting in Constant Voltage Mode: For a voltage regulator, the output voltage can be set by selecting the values RFB1, RFB2 according to the following equation. IFBL value is about 30uA . VOUT = VFBH-FBL RFB1 ( IFBL ) RFB2 +VFBH-FBL . RFB2 VOUT RFB1 GND FBL FBH IFBL FIG.29 VOUT Voltage Setting in Constant Voltage Mode Input Voltage UVLO and Current Limitation: Input under voltage shutdown levels EN/INUVLO can both be defined through an external resistor divider. The two inputs (IIN1, IIN2) can be used to limit the Input current. IINmax. If the input current limitation is not used, it needs to short IIN1 and IIN2 to VIN and short RIN. Following are the equations and figure for these protections. 10kΩ is suggested for R2. UVth = R1 R2 ( + ) VEN/INUVLOTH 1 . IINmax = RIN VIIN1-IIN2 FIG.30 Input Voltage/Current Protection |