| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT21CS01 bảng dữ liệu(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AT21CS01 bảng dữ liệu(HTML) 37 Page - Microchip Technology |
|
37 / 47 page ![]() 10. Packaging Information 10.1 Package Marking Information DRAWING NO. REV. TITLE 21CS01/11SM A 9/11/17 AT21CS01/11SM, AT21CS01 and AT21CS11 Package Marking Information YYWWNNN ### % CO ATMLHYWW 8-lead SOIC Note 2: Package drawings are not to scale Note 1: designates pin 1 AT21CS01/AT21CS11: Package Marking Information Diagram Order: EIAJ,PDIP,SOIC,TSSOP,UDFN,SOT23,VFBGA,XDFN Catalog Number Truncation AT21CS01 AT21CS11 Truncation Code ###: K1M Truncation Code ###: K2 Date Codes Slave Address Y = Year M = Month WW = Work Week of Assembly % = Slave Address 7: 2017 1: 2021 A: January 02: Week 2 A: Address 000 E: Address 100 8: 2018 2: 2022 B: February 04: Week 4 B: Address 001 F: Address 101 9: 2019 3: 2023 ... ... C: Address 010 G: Address 110 0: 2020 4: 2024 L: December 52: Week 52 D: Address 011 H: Address 111 Country of Assembly Trace Code Atmel Truncation CO = Country of Assembly NNN or NN AT: Atmel ATM: Atmel ATML: Atmel l WWNNN 3-lead SOT-23 NN 4-ball WLCSP ATML ###%Y WWNNN 2-ld XSFN (AT21CS01 only) AT21CS01/AT21CS11 © 2017 Microchip Technology Inc. Datasheet DS20005857A-page 37 |