công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AN4861 bảng dữ liệu(PDF) 22 Page - STMicroelectronics

tên linh kiện AN4861
Giải thích chi tiết về linh kiện  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4861 bảng dữ liệu(HTML) 22 Page - STMicroelectronics

Back Button AN4861 Datasheet HTML 18Page - STMicroelectronics AN4861 Datasheet HTML 19Page - STMicroelectronics AN4861 Datasheet HTML 20Page - STMicroelectronics AN4861 Datasheet HTML 21Page - STMicroelectronics AN4861 Datasheet HTML 22Page - STMicroelectronics AN4861 Datasheet HTML 23Page - STMicroelectronics AN4861 Datasheet HTML 24Page - STMicroelectronics AN4861 Datasheet HTML 25Page - STMicroelectronics AN4861 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
LCD-TFT (LTDC) display controller description
AN4861
22/91
DocID029237 Rev 2
Figure 12. LTDC signal interface
The LTDC can output data according to the following parallel formats: RGB565, RGB666
and RGB888. So a 16-bit RGB565, 18-bit RGB888 or a 24-bit RGB888 display can be
connected.
LTDC signals programmable polarity
The LTDC control signals polarity is programmable allowing the STM32 microcontroller to
drive any RGB parallel display. The control signals (Hsync, Vsync and data enable DE) as
well as the pixel clock (LCD_CLK) can be defined to be active high or active low through the
LTDC_GCR register.
3.2.2
Fully programmable timings for different display sizes
Thanks to its “timings flexibility”, the LTDC peripheral can support any display size that
respects the maximal programmable timing parameters in the registers and the maximal
supported pixel clock described in Table 3, Table 11 and Table 13.
The user should consider the timings registers described in Table 6 when programming as
the LTDC timings and synchronization signals should be programmed to match the display
specification.
Table 6 summarizes the timings registers supported by the LTDC.
Table 6. LTDC timing registers
Register
Timing parameter
Value to be
programmed
LTDC_SSCR(1)
HSW[11:0]
HSYNC width - 1
From 1 to 4096 pixels
VSH[11:0]
VSYNC height - 1
From 1 to 2048 lines
LTDC_BPCR
AHBP[11:0]
HSYNC width + HBP - 1
From 1 to 4096 pixels
AVBP[10:0]
VSYNC height + VBP - 1
From 1 to 2048 lines
LTDC_AWCR
AAW[11:0]
HSYNC width + HBP + active width - 1
From 1 to 4096 pixels
AAH[10:0]
VSYNC height + BVBP + active height - 1
From 1 to 2048 lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com